Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9570 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9570
Description  4-bit general purpose outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9570 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9570 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||
|||||||||||||||||
2015-07-0044
PT0559
08/05/15
6
PI4IOE5V9570
4-bit general purpose outputs
for 1MHz I
2C bus
PI4IOE5V9570 Block Diagram
Details Description
a. Device Address
b7(MSB)
b6
b5
b4
b3
b2
b1
b0
Address Byte
0
1
0
0
1
0
0
R/W
b. Software Reset Call
General Call address: allows resetting the device through the I
2C-bus upon reception of the right I2C-bus sequence.
b7(MSB)
b6
b5
b4
b3
b2
b1
b0
General Call
Address
0
0
0
0
0
0
0
0
c. Software Reset
The Software Reset Call allows all the devices in the I
2C-bus to be reset to the power-up state value through a specific
formatted I
2C-bus command. To be performed correctly, it implies that the I2C-bus is functional and that there is no device
hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I
2C-bus master.
2. The reserved General Call I
2C-bus address ‘0000 000’ with the R/W bit set to 0 (write) is sent by the I2C-bus master.
3. The device acknowledges after seeing the General Call address ‘0000 0000’ (00h) only. If the R/W bit is set to 1 (read), no
acknowledge is returned to the I
2C-bus master.
4. Once the General Call address has been sent and acknowledged, the master sends 1 byte. The value of the byte must be
equal to 06h.
a. The device acknowledges this value only. If the byte is not equal to 06h, the device does not acknowledge it.
Fig 3: Block diagram of PI4IOE5V9570


Similar Part No. - PI4IOE5V9570

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9521XTEX PERICOM-PI4IOE5V9521XTEX Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UE PERICOM-PI4IOE5V9522UE Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UEX PERICOM-PI4IOE5V9522UEX Datasheet
469Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9570

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
NEC
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Zarlink Semiconductor I...
P610ARM-B ZARLINK-P610ARM-B Datasheet
897Kb / 173P
   General purpose 32-bit microprocessor
logo
Fujitsu Component Limit...
MB90860A FUJITSU-MB90860A Datasheet
813Kb / 62P
   16-bit general-purpose microcontroller
logo
Texas Instruments
SN74S274 TI-SN74S274 Datasheet
362Kb / 10P
[Old version datasheet]   4 BIT BY 4 BIT BINARY MULTIPLER WITH 3-STATE OUTPUTS
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com