Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL256N90FFI020 Datasheet(PDF) 6 Page - SPANSION

Part # S29GL256N90FFI020
Description  MirrorBit Flash Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256N90FFI020 Datasheet(HTML) 6 Page - SPANSION

Back Button S29GL256N90FFI020 Datasheet HTML 2Page - SPANSION S29GL256N90FFI020 Datasheet HTML 3Page - SPANSION S29GL256N90FFI020 Datasheet HTML 4Page - SPANSION S29GL256N90FFI020 Datasheet HTML 5Page - SPANSION S29GL256N90FFI020 Datasheet HTML 6Page - SPANSION S29GL256N90FFI020 Datasheet HTML 7Page - SPANSION S29GL256N90FFI020 Datasheet HTML 8Page - SPANSION S29GL256N90FFI020 Datasheet HTML 9Page - SPANSION S29GL256N90FFI020 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
6
S29GLxxxN MirrorBitTM Flash Family
27631A4 May 13, 2004
Adva nce
Inform at i o n
Product Selector Guide
S29GL512N
S29GL256N
S29GL128N
Part Number
S29GL512N
Speed Option
VCC = 2.7–3.6 V
VIO = 2.7–3.6 V
90
10
VIO = 1.65–1.95 V
10
11
Max. Access Time (ns)
90
100
100
110
Max. CE# Access Time (ns)
90
100
100
110
Max. Page access time (ns)
25
25
35
35
Max. OE# Access Time (ns)
25
25
35
35
Part Number
S29GL256N
Speed Option
VCC = 2.7–3.6 V
VIO = 2.7–3.6 V
80
90
VIO = 1.65–1.95 V
90
10
Max. Access Time (ns)
80
90
90
100
Max. CE# Access Time (ns)
80
90
90
100
Max. Page access time (ns)
25
25
35
35
Max. OE# Access Time (ns)
25
25
35
35
Part Number
S29GL128N
Speed Option
VCC = 2.7–3.6 V
VIO = 2.7–3.6 V
80
90
VIO = 1.65–1.95 V
90
10
Max. Access Time (ns)
80
90
90
100
Max. CE# Access Time (ns)
80
90
90
100
Max. Page access time (tPACC)25
25
35
35
Max. OE# Access Time (ns)
25
25
35
35


Similar Part No. - S29GL256N90FFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL256N90FFI020 SPANSION-S29GL256N90FFI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL256N90FFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com