Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH8011NP-681L Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH8011NP-681L
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8011NP-681L Datasheet(HTML) 2 Page - Sumida Corporation

  RCH8011NP-681L Datasheet HTML 1Page - Sumida Corporation RCH8011NP-681L Datasheet HTML 2Page - Sumida Corporation RCH8011NP-681L Datasheet HTML 3Page - Sumida Corporation RCH8011NP-681L Datasheet HTML 4Page - Sumida Corporation RCH8011NP-681L Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH8011
Electrical Characteristics
※1: Inductance measuring condition: 100kHz
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △T=40℃(Ta=20℃).
470
490
1915(1532)
1000μH ±15%
102
RCH8011NP-102L
500
520
1660(1329)
820μH ±15%
821
RCH8011NP-821L
540
560
1280(1025)
680μH ±15%
681
RCH8011NP-681L
640
600
1125(903)
560μH ±15%
561
RCH8011NP-561L
700
650
900(720)
470μH ±15%
471
RCH8011NP-471L
780
700
710(570)
390μH ±15%
391
RCH8011NP-391L
820
800
640(512)
330μH ±15%
331
RCH8011NP-331L
900
900
590(472)
270μH ±15%
271
RCH8011NP-271L
1050
950
440(354)
220μH ±15%
221
RCH8011NP-221L
1100
1000
360(288)
180μH ±15%
181
RCH8011NP-181L
1200
1100
310(250)
150μH ±15%
151
RCH8011NP-151L
1300
1200
275(222)
120μH ±15%
121
RCH8011NP-121L
1500
1500
215(172)
100μH ±15%
101
RCH8011NP-101L
1550
1600
190(154)
82μH ±15%
820
RCH8011NP-820L
1900
1700
138(111)
68μH ±15%
680
RCH8011NP-680L
2000
1850
123(98)
56μH ±15%
560
RCH8011NP-560L
2150
2000
110(88)
47μH ±15%
470
RCH8011NP-470L
2550
2200
84(67)
39μH ±15%
390
RCH8011NP-390L
2700
2400
75(60)
33μH ±15%
330
RCH8011NP-330L
2800
2600
65(52)
27μH ±15%
270
RCH8011NP-270L
3050
2800
56(45)
22μH ±15%
220
RCH8011NP-220L
3600
3300
53(42)
18μH ±15%
180
RCH8011NP-180L
3750
3600
47(38)
15μH ±15%
150
RCH8011NP-150L
3950
4000
40(32)
12μH ±15%
120
RCH8011NP-120L
4100
4400
35(28)
10μH ±15%
100
RCH8011NP-100L
TEMPERATURE
RISE
CURRENT(mA)
※3
THE
SATURATION
CURRENT
(mA)※2
D.C.R.
[MAX.](TYP.)
(at 20℃)
(mΩ)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NAME


Similar Part No. - RCH8011NP-681L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH8011NP-681L SUMIDA-RCH8011NP-681L Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results

Similar Description - RCH8011NP-681L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com