Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH169RNP-681MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH169RNP-681MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH169RNP-681MC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH169RNP-681MC Datasheet HTML 1Page - Sumida Corporation CDRH169RNP-681MC Datasheet HTML 2Page - Sumida Corporation CDRH169RNP-681MC Datasheet HTML 3Page - Sumida Corporation CDRH169RNP-681MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH169R
0
1000
2000
3000
4000
5000
6000
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
600
1200
1800
2400
3000
3600
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
3000
0.0 0.2 0.4 0.6 0.8 1.0
0
10
20
30
40
50
60
0
300
600
900
1200
1500
1800
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Saturation Current & Temperature Rise Graph
13. CDRH169RNP-102MC
△T (℃)
L (
μH)
DC (A)
14. CDRH169RNP-152MC
△T (℃)
L (
μH)
15. CDRH169RNP-222MC
△T (℃)
L (
μH)
DC (A)
DC (A)
L (20
℃)
△T
L (105
℃)
16. CDRH169RNP-332MC
△T (℃)
L (
μH)
DC (A)
17. CDRH169RNP-472MC
△T (℃)
L (
μH)
DC (A)
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@eu.sumida.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6841-4426
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-48-691-7300
FAX.+81-48-691-7340
sales@jp.sumida.com
San Jose
Singapore
Seoul
Saitama(Japan)
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-21-5836-3299
FAX.+86-21-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6781
FAX.+852-2565-9600
sales@hk.sumida.com


Similar Part No. - CDRH169RNP-681MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH169RB SUMIDA-CDRH169RB Datasheet
185Kb / 5P
   SMD Power Inductor
CDRH169RBNP-100MC SUMIDA-CDRH169RBNP-100MC Datasheet
185Kb / 5P
   SMD Power Inductor
CDRH169RBNP-101MC SUMIDA-CDRH169RBNP-101MC Datasheet
185Kb / 5P
   SMD Power Inductor
CDRH169RBNP-102MC SUMIDA-CDRH169RBNP-102MC Datasheet
185Kb / 5P
   SMD Power Inductor
CDRH169RBNP-122MC SUMIDA-CDRH169RBNP-122MC Datasheet
185Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH169RNP-681MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com