Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9537 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9537
Description  interrupt and reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9537 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9537 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9537 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0029
PT0565-1
02/15/16
8
PI4IOE5V9537
4-bit I
2C-bus and SMBus
low power I/O port with interrupt and reset
ii.Register 0: input port registers
This register is a read-only port. It reflects the incoming logic levels of the pins, regardless of whether the pin is defined as an
input or an output by Register 2. Writes to this register have no effect.
The default value ‘X’ is determined by the externally applied logic level.
Table 6: Input port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
I7
I6
I5
I4
I3
I2
I1
I0
Default
1
1
1
1
X
X
X
X
iii.
Register 1:Output port register
This register is an output-only port. It reflects the outgoing logic levels of the pins defined as outputs by Registers 3. Bit values
in this register have no effect on pins defined as inputs. In turn, reads from this register reflect the value that is in the flip-flop
controlling the output selection, not the actual pin value.
Table 8: Output port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
O7
O6
O5
O4
O3
O2
O1
O0
Default
1
1
1
1
1
1
1
1
iv.
Register 2: Polarity inversion register
This register allows the user to invert the polarity of the Input port register data. If a bit in this register is set (written with ‘1’),
the Input port data polarity is inverted. If a bit in this register is cleared (written with a ‘0’), the Input port data polarity is retained.
Table 10: Polarity Inversion port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
N7
N6
N5
N4
N3
N2
N1
N0
Default
0
0
0
0
0
0
0
0
v. Register 3: Configuration registers
This register configures the directions of the I/O pins. If a bit in this register is set (written with ‘1’), the corresponding port pin
is enabled as an input with high-impedance output driver. If a bit in this register is cleared (written with ‘0’), the corresponding
port pin is enabled as an output. At reset, the IOs are configured as inputs.
Table 12: Configuration port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
C7
C6
C5
C4
C3
C2
C1
C0
Default
1
1
1
1
1
1
1
1


Similar Part No. - PI4IOE5V9537

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LE PERICOM-PI4IOE5V9535LE Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LEX PERICOM-PI4IOE5V9535LEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535ZDEX PERICOM-PI4IOE5V9535ZDEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
More results

Similar Description - PI4IOE5V9537

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com