Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LBC174 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LBC174
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC174 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN55LBC174 Datasheet HTML 2Page - Texas Instruments SN55LBC174 Datasheet HTML 3Page - Texas Instruments SN55LBC174 Datasheet HTML 4Page - Texas Instruments SN55LBC174 Datasheet HTML 5Page - Texas Instruments SN55LBC174 Datasheet HTML 6Page - Texas Instruments SN55LBC174 Datasheet HTML 7Page - Texas Instruments SN55LBC174 Datasheet HTML 8Page - Texas Instruments SN55LBC174 Datasheet HTML 9Page - Texas Instruments SN55LBC174 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN65LBC174, SN75LBC174
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SLLS162D – JULY 1993 – REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL = 110 Ω
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
Input
tPZH
1.5 V
2.3 V
0.5 V
tPHZ
1.5 V
VOH
Voff ≈ 0 V
0 V
3 V
Output
3 V or 0 V
S1
CL = 50 pF
(see Note B)
Generator
(see Note A)
50
Input
Figure 4. tPZH and tPHZ Test Circuit and Waveforms
VOLTAGE WAVEFORMS
TEST CIRCUIT
5 V
VOL
tPLZ
2.3 V
0 V or 3 V
Generator
(see Note A)
RL = 110 Ω
Output
S1
CL = 50 pF
(see Note B)
50
Input
Output
Input
tPZL
1.5 V
5 V
1.5 V
0 V
3 V
0.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 5. tPZL and tPLZ Test Circuit and Waveforms


Similar Part No. - SN55LBC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174FK TI-SN55LBC174FK Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174J TI-SN55LBC174J Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174J TI1-SN55LBC174J Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN55LBC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com