Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP159RSBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP159RSBT
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP159RSBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75DP159RSBT Datasheet HTML 2Page - Texas Instruments SN75DP159RSBT Datasheet HTML 3Page - Texas Instruments SN75DP159RSBT Datasheet HTML 4Page - Texas Instruments SN75DP159RSBT Datasheet HTML 5Page - Texas Instruments SN75DP159RSBT Datasheet HTML 6Page - Texas Instruments SN75DP159RSBT Datasheet HTML 7Page - Texas Instruments SN75DP159RSBT Datasheet HTML 8Page - Texas Instruments SN75DP159RSBT Datasheet HTML 9Page - Texas Instruments SN75DP159RSBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
SN65DP159, SN75DP159
SLLSEJ2C – JULY 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION (1)
SIGNAL NAME
RGZ
RSB
HOT PLUG DETECT PINS
HPD_SRC
4
3
O
Hot plug detect output
HPD_SNK
33
28
I (Failsafe)
Hot plug detect input
AUXILIARY/DDC DATA PINS
AUX_SRCp
AUX_SRCn
45
44
N/A
I/O
Source side bidirectional DisplayPort auxiliary for I2C-over-AUX (DP159RGZ
only)
SDA_SRC
SCL_SRC
47
46
39
38
I/O
(Failsafe)
Source side TMDS port bidirectional DDC data line
SDA_SNK
SCL_SNK
39
38
33
32
I/O
(Failsafe)
Sink side TMDS port bidirectional DDC data lines
CONTROL PINS
OE
42
36
I
Operation enable/reset pin
OE = L: Power-down mode
OE = H: Normal operation
Internal weak pullup: Resets device when transitions from H to L
NC (2)
17
N/A
I
No connect
CEC_EN (2)
18
N/A
O
CEC control pin for Dongle applications
SLEW_CTL
40
34
I
3
level (1)
Slew rate control when I2C_EN/PIN = Low.
SLEW_CTL = H, fastest data rate
SLEW_CTL = L, 5 ps slow
SLEW_CTL = No Connect, 10 ps slow
When I2C_EN/PIN = High Slew rate is controlled through I2C[4]
PRE_SEL
20
16
I
3
level (1)
De-emphasis pin strap when I2C_EN/PIN = Low.
PRE_SEL = L: - 2 dB de-emphasis
PRE_SEL = No Connect: 0 dB
PRE_SEL = H: Reserved
EQ_SEL/A0
21
17
I
3
level (1)
Input Receive Equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5 dB
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL = H: Fixed at 14 dB
When I2C_EN/PIN = High
Address bit 1
Note: (3 level for pin strap programming but 2 level when I2C[4] address)
I2C_EN/PIN
10
8
I
I2C_EN/PIN = High; puts device into I2C control mode
I2C_EN/PIN = Low; puts device into pin strap mode
SCL_CTL
15
13
I
I2C clock signal
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions
cannot be changed by I2C
SDA_CTL
16
14
I/O
I2C data signal
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions
cannot be changed by I2C
Vsadj
22
18
I
TMDS-compliant voltage swing control nominal resistor to GND
HDMI_SEL/A1
27
23
I
HDMI_SEL when I2C_EN/PIN = Low
HDMI_SEL = High: Device configured for DVI
HDMI_SEL = Low: Device configured for HDMI (Adaptor ID block is readable
through I2C[4] or I2C-over-AUX.
When I2C_EN/PIN = High
Address bit 2
Note: Weak internal pull down
TX_TERM_CTL (2)
36
N/A
I
3
level (1)
Transmit Termination Control when I2C_EN/PIN = Low
TX_TERM_CTL = H, No transmit termination
TX_TERM_CTL = L, Transmit termination impedance in 75 to about 150
TX_TERM_CTL = No Connect, automatically selects the termination impedance
Data rate (DR) > 3.4 Gbps – 75- to 150-Ω differential near end termination
2 Gbps < DR < 3.4 Gbps – 150- to 300-Ω differential near end termination
DR < 2 Gbps – no termination
Note: If left floating will be in automatic select mode.


Similar Part No. - SN75DP159RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP159 TI1-SN75DP159 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP159RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com