Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP149RSBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP149RSBT
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP149RSBT Datasheet(HTML) 1 Page - Texas Instruments

  SN75DP149RSBT Datasheet HTML 1Page - Texas Instruments SN75DP149RSBT Datasheet HTML 2Page - Texas Instruments SN75DP149RSBT Datasheet HTML 3Page - Texas Instruments SN75DP149RSBT Datasheet HTML 4Page - Texas Instruments SN75DP149RSBT Datasheet HTML 5Page - Texas Instruments SN75DP149RSBT Datasheet HTML 6Page - Texas Instruments SN75DP149RSBT Datasheet HTML 7Page - Texas Instruments SN75DP149RSBT Datasheet HTML 8Page - Texas Instruments SN75DP149RSBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
GPU
DP1x9
Dual Mode DisplayPort
HDMI/DVI
GPU
Dongle
DP++
HDMI
Monitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN65DP149, SN75DP149
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
SNx5DP149 3.4 Gbps DP++ to HDMI Retimer
1
1 Features
1
DisplayPort™ Physical Layer Input Port to TMDS
Physical Layer Output Port Supporting up to
3.4-Gbps Data Rates
Support DisplayPort Dual-Mode Standard Version
1.1
Support HDMI1.4b Transmitter Electrical
Parameters
Integrated TMDS Level Translator and CDR
Adaptive Receiver Equalizer and Programmable
Fixed Equalizer
Selectable De-Emphasis
Low Power Typical Consumption
390 mW at 3.4-Gbps Retimer
10 mW at Shutdown State
Integrated DVI and HDMI Identification
Recognition Dual Mode DP Type 2 Capability
Active I2C[4] Buffer
Input Swap on Main Lanes
I2C[4] and Pin-Strap Programmable
Industrial Temperature Range:
–40 to 85°C (SN65DP149)
Extended Commercial Temperature Range:
0 to 85°C (SN75DP149)
40-Pin 0.4-mm Pitch, 5-mm × 5-mm WQFN
2 Applications
Personal Computer Market
Next Generation Adaptor Dongles
Desktop PC
Notebook PC Market
Docking Station
HDTV
Standalone Video Card
Tablet
3 Description
The
SNx5DP149
device
is
a
dual
mode[1]
DisplayPort to transition-minimized differential signal
(TMDS) retimer supporting digital video interface
(DVI) 1.0 and high-definition multimedia interface
(HDMI) 1.4b output signals. The SNx5DP149 device
supports the dual mode standard version 1.1 type 1
and type 2 through the DDC link. The SNx5DP149
device supports data rate up to 3.4-Gbps per data
lane to support Ultra HD (4K × 2K / 30-Hz) 8-bits per
color high-resolution video and HDTV with 16-bit
color depth at 1080p (1920 × 1080 / 60-Hz). The
SNx5DP149 device can automatically configure itself
as a re-driver at data rates <1 Gbps, or as a retimer
at more than this data rate. This feature can be
turned off through I2C[4] programming.
For
signal
integrity,
the
SNx5DP149
device
implements
several
features.
The
SNx5DP149
receiver
supports
both
adaptive
and
fixed
equalization to clean up inter-symbol interference
(ISI) jitter or loss from the bandwidth-limited board
traces or cables. When working as a retimer, the
embedded clock data recovery (CDR) cleans up the
input high frequency and random jitter from video
source. The transmitter provides several features for
passing
compliance
and
reducing
system-level
design issues like de-emphasis, which compensates
for the attenuation when driving long cables or high-
loss board traces. The SNx5DP149 device also
includes TMDS output amplitude adjust using an
external resistor on the Vsadj pin, source termination
selection, and output slew rate control. Device
operation and configuration can be programmed by
pin strapping or I2C[4].
The SNx5DP149 device implements several methods
for power management and active power reduction.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65DP149
SN75DP149
WQFN (40)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DP149 Mother Board Application Structure
DP149 Dongle Application Structure


Similar Part No. - SN75DP149RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP149RSBT TI1-SN75DP149RSBT Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP149RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com