Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2100 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2100
Description  50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH2100 Datasheet HTML 5Page - Texas Instruments LMH2100 Datasheet HTML 6Page - Texas Instruments LMH2100 Datasheet HTML 7Page - Texas Instruments LMH2100 Datasheet HTML 8Page - Texas Instruments LMH2100 Datasheet HTML 9Page - Texas Instruments LMH2100 Datasheet HTML 10Page - Texas Instruments LMH2100 Datasheet HTML 11Page - Texas Instruments LMH2100 Datasheet HTML 12Page - Texas Instruments LMH2100 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
LMH2100
www.ti.com
SNWS020C – NOVEMBER 2007 – REVISED OCTOBER 2015
2.7-V DC and AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured at TA = 25°C, VDD = 2.7 V, RF input frequency ƒ = 1855 MHz CW
(Continuous Wave, unmodulated). Maximum and minimum limits apply at the temperature extremes.
(1).
PARAMETER
TEST CONDITIONS
MIN (2)
TYP(3)
MAX (2)
UNIT
ƒ = 50 MHz, MIN and MAX at TA = –40°C
–0.40
0.27
to +85°C
ƒ = 900 MHz, MIN and MAX at TA = –40°C
–0.58
0.22
to +85°C
ƒ = 1855 MHz, MIN and MAX at TA =
–0.29
0.20
–40°C to +85°C
Measurement Error for a 10-dB
ƒ = 2500 MHz, MIN and MAX at TA =
E10 dB
Input power step (5)
–0.28
0.24
dB
–40°C to +85°C
−40 dBm ≤ PIN ≤ −10 dBm
ƒ = 3000 MHz, MIN and MAX at TA =
–0.38
0.29
–40°C to +85°C
ƒ = 3500 MHz, MIN and MAX at TA =
–0.60
0.40
–40°C to +85°C
ƒ = 4000 MHz, MIN and MAX at TA =
–0.82
0.43
–40°C to +85°C
ƒ = 50 MHz, MIN and MAX at TA = –40°C
–6.5
8.6
to +85°C
ƒ = 900 MHz, MIN and MAX at TA = –40°C
–4.7
14.5
to +85°C
ƒ = 1855 MHz, MIN and MAX at TA =
–5.1
11.0
–40°C to +85°C
Temperature sensitivity
ƒ = 2500 MHz, MIN and MAX at TA =
ST
–40°C < TA < 25°C
–4.3
13.6
mdB/°C
–40°C to +85°C
−40 dBm ≤ PIN ≤ −10 dBm
(5)
ƒ = 3000 MHz, MIN and MAX at TA =
–1.5
15.8
–40°C to +85°C
ƒ = 3500 MHz, MIN and MAX at TA =
0.1
16.9
–40°C to +85°C
ƒ = 4000 MHz, MIN and MAX at TA =
0.5
17.3
–40°C to +85°C
ƒ = 50 MHz, MIN at TA = –40°C to +85°C
–10.5
0.5
ƒ = 900 MHz, MIN at TA = –40°C to +85°C
–10.5
2.6
ƒ = 1855 MHz, MIN at TA = –40°C to
–11.3
3.4
+85°C
ƒ = 2500 MHz, MIN at TA = –40°C to
Temperature sensitivity
–10.6
5.8
+85°C
ST
25°C < TA < 85°C
mdB/°C
ƒ = 3000 MHz, MIN at TA = –40°C to
−40 dBm ≤ PIN ≤ −10 dBm
(5)
–11.2
6.1
+85°C
ƒ = 3500 MHz, MIN at TA = –40°C to
–12.9
5.5
+85°C
ƒ = 4000 MHz, MIN at TA = –40°C to
–17.8
5.5
+85°C
ƒ = 50 MHz, MAX at TA = –40°C to +85°C
–5.4
8.6
ƒ = 900 MHz, MAX at TA = –40°C to +85°C
0.3
14.5
ƒ = 1855 MHz, MAX at TA = –40°C to
–3.1
11.0
+85°C
ƒ = 2500 MHz, MAX at TA = –40°C to
Temperature sensitivity
–1.6
13.6
+85°C
ST
−40°C < TA < 25°C
(5)
mdB/°C
ƒ = 3000 MHz, MAX at TA = –40°C to
PIN = −10 dBm
0.9
15.8
+85°C
ƒ = 3500 MHz, MAX at TA = –40°C to
2.5
16.9
+85°C
ƒ = 4000 MHz, MAX at TA = –40°C to
2.7
17.3
+85°C
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH2100


Similar Part No. - LMH2100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100TMX NSC-LMH2100TMX Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMH2100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMV221 50-MHz to 3.5-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com