Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0394 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH0394
Description  3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0394 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0394_15 Datasheet HTML 6Page - Texas Instruments LMH0394_15 Datasheet HTML 7Page - Texas Instruments LMH0394_15 Datasheet HTML 8Page - Texas Instruments LMH0394_15 Datasheet HTML 9Page - Texas Instruments LMH0394_15 Datasheet HTML 10Page - Texas Instruments LMH0394_15 Datasheet HTML 11Page - Texas Instruments LMH0394_15 Datasheet HTML 12Page - Texas Instruments LMH0394_15 Datasheet HTML 13Page - Texas Instruments LMH0394_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
AEC+
Equalizer
Filter
AEC-
MUTE
MUTEREF
DC
Restoration/
Level Control
Automatic
Equalization
Control
SDI
SDI
SDO
SDO
BYPASS
Output
Driver
$
MUTEREF
Energy
Detect
Energy
Detect
CD
AUTO SLEEP
Carrier
Detect
SPI_EN
SPI Control
De-Emphasis
Control
LMH0394
SNLS312M – AUGUST 2010 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LMH0394 is a 3 Gbps HD/SD SDI low power extended reach adaptive cable equalizer. It is designed to
equalize data transmitted over cable or any media with similar dispersive loss characteristics. The equalizer
operates over a wide range of data rates from 125 Mbps to 2.97 Gbps and supports ST 424, ST 292, ST 344, ST
259, and DVB-ASI standards. The LMH0394 features design enhancements including longer cable equalization,
lower output jitter, configurable pin mode and SPI modes, a power-saving sleep mode, and programmable output
common-mode voltage and swing. The LMH0394 implements DC restoration to correctly handle pathological
data conditions.
The LMH0394 provides extended cable reach with improved immunity to crosstalk and ultra-low power
consumption. The equalizer includes active sensing circuitry that ensures robust performance and enhanced
immunity to variations in the input signal launch amplitude. The output driver offers programmable de-emphasis
for up to 40” of FR4 trace losses. The LMH0394 includes power management to further reduce power
consumption when no input signal is present.
7.2 Functional Block Diagram
The LMH0394 supports two modes of operation. In pin mode, the LMH0394 operates with control pins to set its
operating state and is footprint compatible with the LMH0384, LMH0344, and legacy SDI equalizers. In SPI
mode, an optional SPI serial interface can be used to access and configure multiple LMH0394 devices in a
daisy-chain configuration.
This allows users to program the output common-mode voltage and swing, output de-emphasis level, input
launch amplitude, and power management settings. Users may also access a cable length indicator and all pin
mode features.
Figure 6. Functional Block Diagram (Pin Mode)
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMH0394


Similar Part No. - LMH0394_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0394SQ TI1-LMH0394SQ Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394SQE TI1-LMH0394SQE Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394SQX TI1-LMH0394SQX Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0394_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com