Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH0387
Description  3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0387 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH0387_16 Datasheet HTML 7Page - Texas Instruments LMH0387_16 Datasheet HTML 8Page - Texas Instruments LMH0387_16 Datasheet HTML 9Page - Texas Instruments LMH0387_16 Datasheet HTML 10Page - Texas Instruments LMH0387_16 Datasheet HTML 11Page - Texas Instruments LMH0387_16 Datasheet HTML 12Page - Texas Instruments LMH0387_16 Datasheet HTML 13Page - Texas Instruments LMH0387_16 Datasheet HTML 14Page - Texas Instruments LMH0387_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Cable
Driver
Cable
Equalizer
SDI
SDI
SDO
SDO
BNC_IO
LMH0387
www.ti.com
SNLS315H – APRIL 2010 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver provides a single
chip interface to a BNC. The same I/O pin is used both for the input and the output functions of the device,
allowing the system designer to use a BNC attached to the device as either an input or an output. The LMH0387
operates over a wide range of data rates from 125 Mbps to 2.97 Gbps and supports ST 424, ST 292, ST 344, ST
259, and DVB/ASI standards. The LMH0387 includes passive components for the return loss network –
simplifying board design and development time.
7.2 Functional Block Diagram
7.3 Feature Description
The LMH0387 can be configured either in the input mode as an equalizer to receive data over coaxial cable or in
the output mode as a cable driver to transmit data over coaxial cable. The LMH0387 requires register
programming to operate either in Input Mode (Equalizer) or Output Mode (Cable Driver).
7.3.1 Input Mode (Equalizer) Description
SPI register access is required while operating the LMH0387 in the input mode. The equalizer launch amplitude
fine tuning must be set to nominal through the SPI for correct equalizer operation. To do this, write 30h
(“00110000 binary”) to SPI register 02h. The SPI registers provide access to many other useful LMH0387
features while in the input mode. Refer to the Input Mode (Equalizer) SPI Register Access section for details.
7.3.1.1 Input Interfacing
The LMH0387 accepts a single-ended input at the BNC_IO pin. The input must be AC coupled as shown in
Figure 9 . The TERMRX input must be properly terminated with a 1-µF capacitor followed by a 220-Ω resistor to
ground.
The LMH0387 BNC_IO input can be optimized for different launch amplitudes through the SPI (see Launch
Amplitude Optimization (Register 02h) in the Input Mode (Equalizer) SPI Register Access section).
The LMH0387 correctly handles equalizer pathological signals for standard and high definition serial digital video,
as described in ST RP 178 and RP 198, respectively.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH0387


Similar Part No. - LMH0387_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL TI-LMH0387SL Datasheet
1Mb / 23P
[Old version datasheet]   LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI-LMH0387SLE Datasheet
1Mb / 23P
[Old version datasheet]   LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL TI-LMH0387SL Datasheet
1Mb / 23P
[Old version datasheet]   LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com