Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0056 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0056
Description  HD/SD SDI Reclocker with 4:1 Input Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0056 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0056_15 Datasheet HTML 1Page - Texas Instruments LMH0056_15 Datasheet HTML 2Page - Texas Instruments LMH0056_15 Datasheet HTML 3Page - Texas Instruments LMH0056_15 Datasheet HTML 4Page - Texas Instruments LMH0056_15 Datasheet HTML 5Page - Texas Instruments LMH0056_15 Datasheet HTML 6Page - Texas Instruments LMH0056_15 Datasheet HTML 7Page - Texas Instruments LMH0056_15 Datasheet HTML 8Page - Texas Instruments LMH0056_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LMH0056
SNLS236C – AUGUST 2006 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin No.
Name
Description
16
OUTPUT MUTE
Data and Clock Output Mute input (active low)
17
VEE
Negative power supply input
18
XTAL IN/EXT CLK
Crystal or External Oscillator input
19
VEE
Negative power supply input
20
VEE
Negative power supply input
21
VEE
Negative power supply input
22
XTAL OUT
Crystal Oscillator output
23
VEE
Negative power supply input
24
LOCK DETECT
PLL Lock Detect output (active high)
25
VEE
Negative power supply input
26
VEE
Negative power supply input
27
VEE
Negative power supply input
28
SCO/SDO2
Serial Clock or Serial Data Output 2 Complement
29
SCO/SDO2
Serial Clock or Serial Data Output 2 True
30
VCC
Positive power supply input
31
VCC
Positive power supply input
32
SDO
Data Output Complement
33
SDO
Data Output True
34
VCC
Positive power supply input
35
VCC
Positive power supply input
36
SD/HD
Data Rate Range output
37
SCO_EN
Serial Clock or Serial Data 2 Output select (active high enables serial clock output)
38
VEE
Negative power supply input
39
VEE
Negative power supply input
40
VEE
Negative power supply input
41
VEE
Negative power supply input
42
VEE
Negative power supply input
43
LF1
Loop Filter
44
LF2
Loop Filter
45
RATE 0
Data Rate select input
46
RATE 1
Data Rate select input
47
SEL0
Data Input select input
48
SEL1
Data Input select input
DAP
VEE
Connect exposed DAP to negative power supply (ground)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0056


Similar Part No. - LMH0056_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056SQ NSC-LMH0056SQ Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056SQ NSC-LMH0056SQ Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056SQENOPB TI1-LMH0056SQENOPB Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056SQNOPB TI1-LMH0056SQNOPB Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056SQXNOPB TI1-LMH0056SQXNOPB Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results

Similar Description - LMH0056_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
[Old version datasheet]   SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0356 TI1-LMH0356 Datasheet
1Mb / 28P
[Old version datasheet]   3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com