Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0036 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0036
Description  SD SDI Reclocker with 4:1 Input Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0036 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH0036 Datasheet HTML 5Page - Texas Instruments LMH0036 Datasheet HTML 6Page - Texas Instruments LMH0036 Datasheet HTML 7Page - Texas Instruments LMH0036 Datasheet HTML 8Page - Texas Instruments LMH0036 Datasheet HTML 9Page - Texas Instruments LMH0036 Datasheet HTML 10Page - Texas Instruments LMH0036 Datasheet HTML 11Page - Texas Instruments LMH0036 Datasheet HTML 12Page - Texas Instruments LMH0036 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LMH0036
www.ti.com
SNLS254B – MARCH 2008 – REVISED APRIL 2013
Control Inputs and Indicator Outputs
SERIAL DATA INPUT SELECTOR
The Serial Data Input Selector (SEL [1:0]) allows the user to select the active input channel. Table 1 shows the
input selected for a given state of SEL [1:0].
Table 1. Data Input Select Codes
SEL [1:0] Code
Selected Input
00
SDI0
01
SDI1
10
SDI2
11
SDI3
LOCK DETECT
The Lock Detect (LD) output, when high, indicates that data is being received and the PLL is locked. LD may be
connected to the OUTPUT MUTE input to mute the data and clock outputs when no data signal is being
received. Note that when the Bypass/Auto Bypass input is set high, Lock Detect will remain low. See Table 2.
OUTPUT MUTE
The OUTPUT MUTE input, when low, mutes the serial data and clock outputs. It may be connected to Lock
Detect or externally driven to mute or un-mute the outputs. If OUTPUT MUTE is connected to LD, then the data
and clock outputs are muted when the PLL is not locked. This function overrides the Bypass function: see
Table 2. OUTPUT MUTE has an internal pull-up device to enable the output by default.
BYPASS/AUTO BYPASS
The Bypass/Auto Bypass input, when high, forces the device to output the data without reclocking it. When this
input is low, the device automatically bypasses the reclocking function when the device is in an unlocked
condition or the detected data rate is a rate which the device does not support. Note that when the Bypass/Auto
Bypass input is set high, Lock Detect will remain low. See Table 2. BYPASS/AUTO BYPASS has an internal pull-
down device.
Table 2. Control Functionality
LOCK DETECT
OUTPUT MUTE
BYPASS/AUTO BYPASS
DEVICE STATUS
0
1
X
PLL unlocked, reclocker bypassed
1
1
0
PLL locked to supported data rate, reclocker not bypassed
X
0
X
Outputs muted
0
LOCK DETECT
X
Outputs muted
1
LOCK DETECT
0
PLL locked to supported data rate, reclocker not bypassed
SD
The SD output indicates that the LMH0036 is locked and processing SD data rates. It may be used to control
another device such as the LMH0002 cable driver. When this output is high it indicates that the data rate is 270
Mbps. The SD output is a registered function and is only valid when the PLL is locked and the Lock Detect
output is high. The SD output is undefined for a short time after lock detect assertion or de-assertion due to a
data change on the SDI input. See Figure 4 for a timing diagram showing the relationship between SDI, Lock
Detect, and SD.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH0036


Similar Part No. - LMH0036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036SQ NSC-LMH0036SQ Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
More results

Similar Description - LMH0036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
Texas Instruments
LMH0356 TI1-LMH0356 Datasheet
1Mb / 28P
[Old version datasheet]   3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com