Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49830 Datasheet(PDF) 3 Page - Texas Instruments

Part # LME49830
Description  LME49830 Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49830 Datasheet(HTML) 3 Page - Texas Instruments

  LME49830 Datasheet HTML 1Page - Texas Instruments LME49830 Datasheet HTML 2Page - Texas Instruments LME49830 Datasheet HTML 3Page - Texas Instruments LME49830 Datasheet HTML 4Page - Texas Instruments LME49830 Datasheet HTML 5Page - Texas Instruments LME49830 Datasheet HTML 6Page - Texas Instruments LME49830 Datasheet HTML 7Page - Texas Instruments LME49830 Datasheet HTML 8Page - Texas Instruments LME49830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Mute
GND
IN-
IN+
Reference
and
Protection
+
-
Osense
+
-
Mute
Control
1 k:
Comp
-VEE
BiasM
NOUT
+VCC
POUT
BiasP
Gm
Amp
Mute
Amp
LME49830
www.ti.com
SNAS396D – JANUARY 2008 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin
Pin Name
Description
1
NC
No Connection, Pin electrically isolated
2
Mute
Mute Control
3
GND
Device Ground
4
IN+
Non-inverting input
5
IN-
Inverting input
6
Comp
External Compensation Connection
7
NC
No Connection, Pin electrically isolated
8
Osense
Output Sense
9
NC
No Connection, Pin electrically isolated
10
-VEE
Negative Power Supply
11
BiasM
Negative External Bias Control
12
BiasP
Positive External Bias Control
13
POUT
P-channel MOSFET Output
14
NOUT
N-channel MOSFET Output
15
+VCC
Positive Power Supply
BLOCK DIAGRAM
Figure 3. LME49830 Simplified Block Diagram
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LME49830


Similar Part No. - LME49830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49830 NSC-LME49830 Datasheet
515Kb / 22P
   Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
More results

Similar Description - LME49830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49830 NSC-LME49830 Datasheet
515Kb / 22P
   Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
LME49811 NSC-LME49811 Datasheet
672Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Intersil Corporation
LME49811 INTERSIL-LME49811 Datasheet
634Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Texas Instruments
LME49811 TI1-LME49811 Datasheet
416Kb / 19P
[Old version datasheet]   Audio Power Amplifier Series High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
90074 TI-90074 Datasheet
856Kb / 16P
[Old version datasheet]   Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
LM4702CTA TI1-LM4702CTA Datasheet
511Kb / 20P
[Old version datasheet]   LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
logo
National Semiconductor ...
LM4702 NSC-LM4702 Datasheet
824Kb / 15P
   LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
logo
STMicroelectronics
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
   25W MONO AMPLIFIER WITH MUTE/ST-BY
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com