Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49740 Datasheet(PDF) 4 Page - Texas Instruments

Part # LME49740
Description  LME49740 Quad High-Performance, High-Fidelity Audio Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49740 Datasheet(HTML) 4 Page - Texas Instruments

  LME49740 Datasheet HTML 1Page - Texas Instruments LME49740 Datasheet HTML 2Page - Texas Instruments LME49740 Datasheet HTML 3Page - Texas Instruments LME49740 Datasheet HTML 4Page - Texas Instruments LME49740 Datasheet HTML 5Page - Texas Instruments LME49740 Datasheet HTML 6Page - Texas Instruments LME49740 Datasheet HTML 7Page - Texas Instruments LME49740 Datasheet HTML 8Page - Texas Instruments LME49740 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LME49740
SNAS377B – FEBRUARY 2007 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for VS = ±15V, RL = 2kΩ, fIN = 1kHz, and TA = 25C, unless otherwise specified.
LME49740
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
AV = 1, VOUT = 3VRMS
% (max)
THD+N
Total Harmonic Distortion + Noise
RL = 2kΩ
0.00003
% (max)
RL = 600Ω
0.00003
0.00009
AV = 1, VOUT = 3VRMS
IMD
Intermodulation Distortion
0.00005
% (max)
Two-tone, 60Hz & 7kHz 4:1
GBWP
Gain Bandwidth Product
55
45
MHz (min)
SR
Slew Rate
±20
±15
V/
μs (min)
VOUT = 1VP-P, –3dB
FPBW
Full Power Bandwidth
referenced to output magnitude
10
MHz
at f = 1kHz
AV = 1, 10V step, CL = 100pF
ts
Settling time
0.1% error range
1.2
μs
Equivalent Input Noise Voltage
fBW = 20Hz to 20kHz
0.34
0.65
μVRMS
en
f = 1kHz
2.7
4.7
nV/
√Hz
Equivalent Input Noise Density
f = 10Hz
6.4
nV/
√Hz
f = 1kHz
1.6
pA/
√Hz
in
Current Noise Density
f = 10Hz
3.1
pA/
√Hz
VOS
Offset Voltage
±0.1
±0.7
mV (max)
Average Input Offset Voltage Drift vs
ΔVOS/ΔTemp
40°C
≤ TA ≤ 85°C
0.2
μV/°C
Temperature
Average Input Offset Voltage Shift vs
PSRR
ΔVS = 20V
(6)
120
110
dB (min)
Power Supply Voltage
fIN = 1kHz
118
dB
ISOCH-CH
Channel-to-Channel Isolation
fIN = 20kHz
112
dB
IB
Input Bias Current
VCM = 0V
10
72
nA (max)
Input Bias Current Drift vs
ΔIOS/ΔTemp
–40°C
≤ TA ≤ 85°C
0.1
nA/°C
Temperature
IOS
Input Offset Current
VCM = 0V
11
65
nA (max)
+14.1
(V+)–2.0
V (min)
VIN-CM
Common-Mode Input Voltage Range
–13.9
(V-)+2.0
V (min)
CMRR
Common-Mode Rejection
–10V<VCM<10V
120
110
dB (min)
Differential Input Impedance
30
k
ZIN
Common Mode Input Impedance
–10V<VCM<10V
1000
M
–10V<VOUT<10V, RL = 600Ω
140
dB (min)
AVOL
Open Loop Voltage Gain
–10V<VOUT<10V, RL = 2kΩ
140
dB (min)
–10V<VOUT<10V, RL = 10kΩ
140
125
dB (min)
RL = 600Ω
±13.6
±12.5
V (min)
VOUTMAX
Maximum Output Voltage Swing
RL = 2kΩ
±14.0
V (min)
RL = 10kΩ
±14.1
V (min)
IOUT
Output Current
RL = 600Ω, VS = ±17V
±26
±23
mA (min)
+30
mA
IOUT-CC
Short Circuit Current
–38
mA
fIN = 10kHz
ROUT
Output Impedance
Closed-Loop
0.01
Open-Loop
13
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(3)
Typical specifications are specified at +25ºC and represent the most likely parametric norm.
(4)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
PSRR is measured as follows: VOS is measured at two supply voltages, ±5V and ±15V. PSRR = |20log(ΔVOS/ΔVS)|.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LME49740


Similar Part No. - LME49740

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49740 TI1-LME49740 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LME49740

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
LME49743 TI1-LME49743 Datasheet
1Mb / 25P
[Old version datasheet]   LME49743 Quad High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com