Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49610 Datasheet(PDF) 11 Page - Texas Instruments

Part # LME49610
Description  High Performance, High Fidelity, High Current Audio Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49610 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LME49610 Datasheet HTML 7Page - Texas Instruments LME49610 Datasheet HTML 8Page - Texas Instruments LME49610 Datasheet HTML 9Page - Texas Instruments LME49610 Datasheet HTML 10Page - Texas Instruments LME49610 Datasheet HTML 11Page - Texas Instruments LME49610 Datasheet HTML 12Page - Texas Instruments LME49610 Datasheet HTML 13Page - Texas Instruments LME49610 Datasheet HTML 14Page - Texas Instruments LME49610 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Q2
Q1
200:
Q3
Q4
Q5
Q6
OUT
VCC
VEE
Thermal
Shutdown
IN
BW
D1 - D7
D8 - D14
LME49610
www.ti.com
SNAS435B – APRIL 2008 – REVISED APRIL 2013
For example, the LME49610’s output voltage can slew at a typical 2000V/
μs. When driving a 100Ω load, the di/dt
current demand is 20 A/
μs. This current flowing through an inductance of 50nH (approximately 1.5” of 22 gage
wire) will produce a 1V transient. In these and similar situations, place the parallel combination of a solid 5
μF to
10
μF tantalum capacitor and a ceramic 0.1μF capacitor as close as possible to the device supply pins.
Ceramic capacitor have very lower ESR (typically less than 10m
Ω) and low ESL when compared to the same
valued tantalum capacitor. The ceramic capacitors, therefore, have superior AC performance for bypassing high
frequency noise.
In less demanding applications that have lighter loads or lower slew rates, the supply bypassing is not as critical.
Capacitor values in the range of 0.01
μF to 0.1μF are adequate.
SIMPLIFIED LME49610 CIRCUIT DIAGRAM
The LME49610’s simplified circuit diagram is shown in Figure 29. The diagram shows the LME49610’s
complementary emitter follower design, bias circuit and bandwidth adjustment node.
Figure 29. Simplified Circuit Diagram
Figure 30 shows the LME49610 connected as an open-loop buffer. The source impedance and optional input
resistor, RS, can alter the frequency response. As previously stated, the power supplies should be bypassed with
capacitors connected close to the LME49610’s power supply pins. Capacitor values as low as 0.01
μF to 0.1μF
will ensure stable operation in lightly loaded applications, but high output current and fast output slewing can
demand large current transients from the power supplies. Place a recommended parallel combination of a solid
tantalum capacitor in the 5
μF to 10μF range and a ceramic 0.1μF capacitor as close as possible to the device
supply pins.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LME49610


Similar Part No. - LME49610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49610TS NSC-LME49610TS Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
More results

Similar Description - LME49610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49600 TI1-LME49600_14 Datasheet
438Kb / 22P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com