Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6482IMMX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IMMX
Description  LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IMMX Datasheet(HTML) 1 Page - Texas Instruments

  LMC6482IMMX Datasheet HTML 1Page - Texas Instruments LMC6482IMMX Datasheet HTML 2Page - Texas Instruments LMC6482IMMX Datasheet HTML 3Page - Texas Instruments LMC6482IMMX Datasheet HTML 4Page - Texas Instruments LMC6482IMMX Datasheet HTML 5Page - Texas Instruments LMC6482IMMX Datasheet HTML 6Page - Texas Instruments LMC6482IMMX Datasheet HTML 7Page - Texas Instruments LMC6482IMMX Datasheet HTML 8Page - Texas Instruments LMC6482IMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
3V
0V
C001
A1
±0.18 V
500mV
50s
3V
0V
C002
A2
±0.18 V
500mV
50s
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMC6482
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
1 Features
3 Description
The LMC6482 device provides a common-mode
1
Typical Unless Otherwise Noted
range that extends to both supply rails. This rail-to-rail
Rail-to-Rail Input Common-Mode Voltage Range
performance combined with excellent accuracy, due
(Ensured Over Temperature)
to a high CMRR, makes it unique among rail-to-rail
Rail-to-Rail Output Swing (Within 20-mV of Supply
input amplifiers. The device is ideal for systems, such
as data acquisition, that require a large input signal
Rail, 100-k
Ω Load)
range. The LMC6482 is also an excellent upgrade for
Ensured 3-V, 5-V, and 15-V Performance
circuits using limited common-mode range amplifiers
Excellent CMRR and PSRR: 82 dB
such as the TLC272 and TLC277.
Ultralow Input Current: 20 fA
Maximum dynamic signal range is assured in low
High Voltage Gain (R L = 500 k
Ω): 130 dB
voltage and single supply systems by the rail-to-rail
Specified for 2-k
Ω and 600-Ω Loads
output swing of the LMC6482. The rail-to-rail output
swing is ensured for loads down to 600
Ω of the
Power-Good Output
device. Ensured low-voltage characteristics and low-
Available in VSSOP Package
power dissipation make the LMC6482 especially well-
suited for battery-operated systems. LMC6482 is also
2 Applications
available in a VSSOP package, which is almost half
the size of a SOIC-8 device. See the LMC6484 data
Data Acquisition Systems
sheet for a quad CMOS operational amplifier with
Transducer Amplifiers
these same features.
Hand-held Analytic Instruments
Device Information(1)
Medical Instrumentation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Active Filter, Peak Detector, Sample and Hold, pH
SOIC (8)
4.90 mm × 3.91 mm
Meter, Current Source
LMC6482
VSSOP (8)
3.00 mm × 3.00 mm
Improved Replacement for TLC272, TLC277
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Rail-to-Rail Input
Rail-to-Rail Output
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMC6482IMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI1-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI1-LMC6482IMMX Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482IMMX/NOPB TI1-LMC6482IMMX/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482IMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com