Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD18245 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMD18245
Description  LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMD18245 Datasheet(HTML) 4 Page - Texas Instruments

  LMD18245 Datasheet HTML 1Page - Texas Instruments LMD18245 Datasheet HTML 2Page - Texas Instruments LMD18245 Datasheet HTML 3Page - Texas Instruments LMD18245 Datasheet HTML 4Page - Texas Instruments LMD18245 Datasheet HTML 5Page - Texas Instruments LMD18245 Datasheet HTML 6Page - Texas Instruments LMD18245 Datasheet HTML 7Page - Texas Instruments LMD18245 Datasheet HTML 8Page - Texas Instruments LMD18245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMD18245
SNVS110E – APRIL 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
DC Voltage at:
OUT 1, VCC, and OUT 2
+60V
COMP OUT, RC, M4, M3, M2, M1, BRAKE,
+12V
DIRECTION, CS OUT, and DAC REF
DC Voltage PGND to SGND
±400mV
Continuous Load Current
3A
Peak Load Current (3)
6A
Junction Temperature (TJ(max))
+150°C
Power Dissipation (4) :
TO-220 (TA = 25°C, Infinite Heatsink)
25W
TO-220 (TA = 25°C, Free Air)
3.5W
ESD Susceptibility (5)
1500V
Storage Temperature Range (TS)
−40°C to +150°C
Lead Temperature (Soldering, 10 seconds)
300°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside the rated Operating Conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Unless otherwise stated, load currents are pulses with widths less than 2 ms and duty cycles less than 5%.
(4)
The maximum allowable power dissipation at any ambient temperature is PMax = (125 − TA)/θJA, where 125°C is the maximum junction
temperature for operation, TA is the ambient temperature in °C, and θJAis the junction-to-ambient thermal resistance in °C/W. Exceeding
Pmax voids the Electrical Specifications by forcing TJabove 125°C. If the junction temperature exceeds 155°C, internal circuitry disables
the power bridge. When a heatsink is used,
θJAis the sum of the junction-to-case thermal resistance of the package, θJC, and the case-
to-ambient thermal resistance of the heatsink.
(5)
ESD rating is based on the human body model of 100 pF discharged through a 1.5 k
Ω resistor. M1, M2, M3 and M4, pins 8, 7, 6 and 4
are protected to 800V.
Operating Conditions
(1)
Temperature Range (TJ)
(2)
−40°C to +125°C
Supply Voltage Range (VCC)
+12V to +55V
CS OUT Voltage Range
0V to +5V
DAC REF Voltage Range
0V to +5V
MONOSTABLE Pulse Range
10
μs to 100 ms
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside the rated Operating Conditions.
(2)
The maximum allowable power dissipation at any ambient temperature is PMax = (125 − TA)/θJA, where 125°C is the maximum junction
temperature for operation, TA is the ambient temperature in °C, and θJAis the junction-to-ambient thermal resistance in °C/W. Exceeding
Pmax voids the Electrical Specifications by forcing TJabove 125°C. If the junction temperature exceeds 155°C, internal circuitry disables
the power bridge. When a heatsink is used,
θJAis the sum of the junction-to-case thermal resistance of the package, θJC, and the case-
to-ambient thermal resistance of the heatsink.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMD18245


Similar Part No. - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245T NSC-LMD18245T Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
More results

Similar Description - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com