Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6482AIM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482AIM
Description  LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482AIM Datasheet(HTML) 4 Page - Texas Instruments

  LMC6482AIM Datasheet HTML 1Page - Texas Instruments LMC6482AIM Datasheet HTML 2Page - Texas Instruments LMC6482AIM Datasheet HTML 3Page - Texas Instruments LMC6482AIM Datasheet HTML 4Page - Texas Instruments LMC6482AIM Datasheet HTML 5Page - Texas Instruments LMC6482AIM Datasheet HTML 6Page - Texas Instruments LMC6482AIM Datasheet HTML 7Page - Texas Instruments LMC6482AIM Datasheet HTML 8Page - Texas Instruments LMC6482AIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LMC6482
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
3
15.5
V
LMC6482AM
–55
125
°C
Junction Temperature Range
LMC6482AI, LMC6482I
–40
−85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.4 Thermal Information
LMC6482
LMC6482
LMC6482
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
P (PDIP)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
155
194
90
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics for V
+ = 5 V
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = VO = V
+/2 and R
L > 1 M.
At Temperature
TJ = 25°C
Extremes(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX(3)
MIN
TYP(2)
MAX(3)
DC Electrical Characteristics
LMC6482AI
0.11
0.75
1.35
Input Offset
VOS
LMC6482I
0.11
3
3.7
mV
Voltage
LMC6482M
0.11
3
3.8
TCVOS
Input Offset
1
Voltage
μV/°C
Average Drift
LMC6482AI
0.02
4
IB
Input Current
See (4)
LMC6482I
0.02
4
pA
LMC6482M
0.02
10
LMC6482AI
0.01
2
Input Offset
IOS
See (4)
LMC6482I
0.01
2
pA
Current
LMC6482M
0.01
5
CIN
Common-
3
Mode Input
pF
Capacitance
RIN
Input
10
Tera
Ω
Resistance
(1)
See Recommended Operating Conditions for operating temperature ranges.
(2)
Typical Values represent the most likely parametric norm.
(3)
All limits are specified by testing or statistical analysis.
(4)
Ensured limits are dictated by tester limitations and not device performance. Actual performance is reflected in the typical value.
4
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: LMC6482


Similar Part No. - LMC6482AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482AIM NSC-LMC6482AIM Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482AIM TI-LMC6482AIM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIM TI-LMC6482AIM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIM TI1-LMC6482AIM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIM TI1-LMC6482AIM Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482AIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com