Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8704 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SP8704
Description  950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP8704 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SP8704 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 4Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SP8704
Characteristic
Supply current
Input sensitivity
10MHz
80MHz
150MHz
850MHz
950MHz
Input impedance
Output
Ratio select (pin 3)
LO
HI
Modulus control (pin 6)
LO
HI
Clock to output delay
Set up time
Release time
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated):
T
amb = -40˚C to 85°C, VCC = +2.75V to +5.5V
Value
Units
Min.
V
CC
2
Typ.
10
50
2
1
8
16
16
Max.
150
25
15
15
50
1
1
mA
mV rms
pF
V pk-pk
V
V
V
V
ns
ns
ns
Conditions
Including output emitter follower
Sinewave input into 50
Emitter follower output
current source = 0.75mA
128/129 selected
64/65 selected
65 or 129 selected
64 or 128 selected
TRUTH TABLE
Division
ratio
129
128
65
64
Pin 6
L
H
L
H
Pin 3
L
L
H
H
Fig. 3 Typical input sensitivity at 85°C


Similar Part No. - SP8704

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP870208-1 DBUNLIMITED-SP870208-1 Datasheet
764Kb / 1P
   Released from Engineering
More results

Similar Description - SP8704

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
   2100MHz Very Low Current Multi-Modulus Divider
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
   1100MHz Very Low Current Multi-Modulus Divider
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
   2100MHz Very Low Current Multi-Modulus Divider
logo
Zarlink Semiconductor I...
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
   1100MHz Very Low Current Multi-Modulus Divider
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
   2100 MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
   1100MHz Very Low Current Three Modulus Divider
logo
Zarlink Semiconductor I...
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
   1GHz 16/17, 32/33 Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
logo
List of Unclassifed Man...
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
   500MHZ 4 MODULUS DIVIDER
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com