Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6082IM Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC6082IM
Description  LMC6082 Precision CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6082IM Datasheet(HTML) 3 Page - Texas Instruments

  LMC6082IM Datasheet HTML 1Page - Texas Instruments LMC6082IM Datasheet HTML 2Page - Texas Instruments LMC6082IM Datasheet HTML 3Page - Texas Instruments LMC6082IM Datasheet HTML 4Page - Texas Instruments LMC6082IM Datasheet HTML 5Page - Texas Instruments LMC6082IM Datasheet HTML 6Page - Texas Instruments LMC6082IM Datasheet HTML 7Page - Texas Instruments LMC6082IM Datasheet HTML 8Page - Texas Instruments LMC6082IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMC6082
www.ti.com
SNOS630D – AUGUST 2000 – REVISED MARCH 2013
DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6082AM
LMC6082AI
LMC6082I
Symbol
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
150
350
350
800
μV
1000
800
1300
Max
TCVOS
Input Offset Voltage
1.0
μV/°C
Average Drift
IB
Input Bias Current
0.010
pA
100
4
4
Max
IOS
Input Offset Current
0.005
pA
100
2
2
Max
RIN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode Rejection
0V
≤ VCM ≤ 12.0V
85
75
75
66
dB
Ratio
V+ = 15V
72
72
63
Min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
85
75
75
66
dB
Rejection Ratio
VO = 2.5V
72
72
63
Min
−PSRR
Negative Power Supply
0V
≤ V≤ −10V
94
84
84
74
dB
Rejection Ratio
81
81
71
Min
VCM
Input Common-Mode
V+ = 5V and 15V
−0.4
−0.1
−0.1
−0.1
V
Voltage Range
for CMRR
≥ 60 dB
0
0
0
Max
V+
− 1.9
V+
− 2.3
V+
− 2.3
V+
− 2.3
V
V+
− 2.6
V+
− 2.5
V+
− 2.5
Min
AV
Large Signal Voltage Gain
RL = 2 kΩ
(3)
Sourcing
1400
400
400
300
V/mV
300
300
200
Min
Sinking
350
180
180
90
V/mV
70
100
60
Min
RL = 600Ω
(3)
Sourcing
1200
400
400
200
V/mV
150
150
80
Min
Sinking
150
100
100
70
V/mV
35
50
35
Min
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6082


Similar Part No. - LMC6082IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082IM NSC-LMC6082IM Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6082IM TI-LMC6082IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IMX TI-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
More results

Similar Description - LMC6082IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082IMX TI-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com