Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6044-MDC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6044-MDC
Description  LMC6044 CMOS Quad Micropower Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6044-MDC Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6044-MDC Datasheet HTML 3Page - Texas Instruments LMC6044-MDC Datasheet HTML 4Page - Texas Instruments LMC6044-MDC Datasheet HTML 5Page - Texas Instruments LMC6044-MDC Datasheet HTML 6Page - Texas Instruments LMC6044-MDC Datasheet HTML 7Page - Texas Instruments LMC6044-MDC Datasheet HTML 8Page - Texas Instruments LMC6044-MDC Datasheet HTML 9Page - Texas Instruments LMC6044-MDC Datasheet HTML 10Page - Texas Instruments LMC6044-MDC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LMC6044
www.ti.com
SNOS612D – NOVEMBER 1994 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C unless otherwise specified
Open-Loop Voltage Gain
Open-Loop
vs Temperature
Frequency Response
Figure 13.
Figure 14.
Gain and Phase
Responses
vs
Gain and Phase
Load
Responses vs
Capacitance
Temperature
Figure 15.
Figure 16.
Gain Error
(VOS
Common-Mode Error vs
vs
Common-Mode Voltage of
VOUT)
Three Representative Units
Figure 17.
Figure 18.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6044


Similar Part No. - LMC6044-MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6044-MDC TI1-LMC6044-MDC Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6044-MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com