Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAK12D21-722 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CAK12D21-722
Description  LF Receiver Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAK12D21-722 Datasheet(HTML) 1 Page - Sumida Corporation

  CAK12D21-722 Datasheet HTML 1Page - Sumida Corporation CAK12D21-722 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 17-Aug-11
LF Receiver Antenna
CAK12D21
Description
• LF receiver antenna for Z axis.
• Low profile.
• High Reliability.
• D
×H: Ф12.3mm x 2.3 mm Max.
• Product weight:0.2g Ref..
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+85℃
• Storage temperature range: -40
℃~+125℃
Packaging
• Carrier Tape and Reel.
• Tape specification according to EIA481.
• 1000pcs/reel.
Applications
• PEPS, Smart key system.
• Security system
RoHS
Dimension - [mm]
Suggest PCB layout - [mm]
Schematic diagram
L
R
L: Ferrite core coil inductance.
R: Copper resistance.
4.0
8.0
2.
8


Similar Part No. - CAK12D21-722

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14 Datasheet
91Kb / 1P
   過14.7mm Max.(Diameter), 1.6mm Max. Height.
CAK15D14-232 SUMIDA-CAK15D14-232 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAK15D14-62 SUMIDA-CAK15D14-62 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
More results

Similar Description - CAK12D21-722

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com