Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB964-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB964-Q1
Description  DS90UB964-Q1 Quad FPD-Link III Deserializer Hub
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB964-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UB964-Q1 Datasheet HTML 3Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 4Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
7
DS90UB964-Q1
www.ti.com
SNLS500 – JULY 2016
Product Folder Links: DS90UB964-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
(1)
Supply noise testing was performed with minimum capacitors (as shown Figure 38 on the PCB). A sinusoidal signal is AC coupled from
DC to 10 MHz to the VDD11, VDD18, and VDDIO (1.8V / 3.3V) supply pins with amplitude of 25 mVp-p, 50 mVp-p, and 50 mVp-p / 100
mVp-p respectively measured at the device VDD pins.
Supply Noise(1)
VDD11
25 mVP-P
VDD18
50 mVP-P
VDDIO
1.8V Option
50 mVP-P
3.3V Option
100 mVP-P
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
DS90UB964-Q1
UNIT
RGC (VQFN)
64 PINS
RθJA
Junction-to-ambient thermal resistance
25.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
10.8
°C/W
RθJB
Junction-to-board thermal resistance
4.8
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
4.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.7
°C/W
(1)
GPIO[7:0] Register 0xBE = 0xFF
6.6 DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
PIN OR
FREQUENCY
MIN
TYP
MAX
UNIT
1.8 V LVCMOS I/O (VDDIO = 1.8 V ± 5%)
VIH
High Level Input Voltage
GPIO[7:0], PDB,
REFCLK
0.65 ×
VDDIO
VDDIO
V
VIL
Low Level Input Voltage
GND
0.35 ×
VDDIO
V
IIN
Input Current
VIN = 0 V or VDDIO
GPIO[7:0](1),
PDB
–20
20
μA
VOH
High Level Output
Voltage
IOH = –2 mA
GPIO[7:0]
VDDIO
– 0.45
VDDIO
V
VOL
Low Level Output
Voltage
IOL = 2 mA
GPIO[7:0], INTB
GND
0.45
V
IOS
Output Short Circuit
Current
VOUT = 0 V
GPIO[7:0]
–35
mA
IOZ
TRI-STATE Output
Current
VOUT = 0 V or VDDIO, PDB = LOW
GPIO[7:0]
–20
20
μA
3.3 V LVCMOS I/O (VDDIO = 3.3 V ± 10%)
VIH
High Level Input Voltage
GPIO[7:0],
REFCLK
2
VDDIO
V
VIL
Low Level Input Voltage
GND
0.8
V
IIN
Input Current
VIN = 0 V or VDDIO
GPIO[7:0](1)
–20
20
μA
VOH
High Level Output
Voltage
IOH = –4 mA
GPIO[7:0]
2.4
VDDIO
V
VOL
Low Level Output
Voltage
IOL = 4 mA
GPIO[7:0], INTB
GND
0.4
V


Similar Part No. - DS90UB964-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_17 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
More results

Similar Description - DS90UB964-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UB662-Q1 TI-DS90UB662-Q1 Datasheet
4Mb / 169P
[Old version datasheet]   DS90UB662-Q1 Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
[Old version datasheet]   Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB934-Q1 TI1-DS90UB934-Q1 Datasheet
132Kb / 6P
[Old version datasheet]   12-bit 100 MHz FPD-Link III Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com