Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAS11D23-472 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CAS11D23-472
Description  LF Receiver Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAS11D23-472 Datasheet(HTML) 1 Page - Sumida Corporation

  CAS11D23-472 Datasheet HTML 1Page - Sumida Corporation CAS11D23-472 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised: 18-Nov-14
LF Receiver Antenna
CAS11D23
Description
• LF receiver antenna for X/Y axis.
• Covered by over-molding.
• Low profile.
• L
×W×H : 11.6×3.5×2.4 mm Max.
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+125℃
• Storage temperature range: -40
℃~+125℃
Packaging
• Carrier tape and reel.
• 2,500pcs/ reel
Applications
• PEPS, Smart key system.
• Security system
• TPMS
RoHS
Dimension - [mm]
Suggest PCB layoout - [mm]


Similar Part No. - CAS11D23-472

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
   11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
CAS11D28 SUMIDA-CAS11D28 Datasheet
198Kb / 1P
   11.6횞3.5mm Max.(L횞W),2.95mm Max. Height
More results

Similar Description - CAS11D23-472

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAK12D21 SUMIDA-CAK12D21 Datasheet
95Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com