Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD104NP-121KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD104NP-121KC
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104NP-121KC Datasheet(HTML) 2 Page - Sumida Corporation

  CD104NP-121KC Datasheet HTML 1Page - Sumida Corporation CD104NP-121KC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CD104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CD Series>
Specification
Part Name
Stamp
Inductance
(
μH)
※1
D.C.R (m
Ω)
[Max.] (TYP.)
(at 20
℃)
Rated Current
(A)
※2
S.R.F.
(MHz) (TYP.)
CD104NP-100M
100M
10
±20%
53(40.8)
2.38
29.9
CD104NP-120M
120M
12
±20%
61(46.4)
2.13
29.7
CD104NP-150M
150M
15
±20%
70(53.9)
1.87
25.1
CD104NP-180M
180M
18
±20%
81(62.2)
1.73
23.0
CD104NP-220M
220M
22
±20%
88(67.4)
1.60
20.0
CD104NP-270M
270M
27
±20%
100(77.2)
1.44
18.5
CD104NP-330M
330M
33
±20%
120(92.0)
1.26
16.9
CD104NP-390M
390M
39
±20%
151(116.1)
1.20
14.9
CD104NP-470M
470M
47
±20%
170(130.6)
1.10
13.8
CD104NP-560K
560K
56
±10%
199(152.7)
1.01
12.6
CD104NP-680K
680K
68
±10%
223(171.6)
0.91
10.4
CD104NP-820K
820K
82
±10%
252(194.1)
0.85
10.0
CD104NP-101K
101K
100
±10%
344(264.9)
0.74
9.42
CD104NP-121K
121K
120
±10%
396(304.7)
0.69
8.74
CD104NP-151K
151K
150
±10%
544(418.1)
0.61
7.29
CD104NP-181K
181K
180
±10%
621(477.7)
0.56
6.53
CD104NP-221K
221K
220
±10%
721(554.5)
0.53
5.85
CD104NP-271K
271K
270
±10%
949(730.3)
0.45
5.51
CD104NP-331K
331K
330
±10%
1100(845.8)
0.42
4.91
CD104NP-391K
391K
390
±10%
1245(957.5)
0.38
4.32
CD104NP-471K
471K
470
±10%
1526(1220.6)
0.35
4.06
CD104NP-561K
561K
560
±10%
1904(1522.9)
0.32
3.55
Description of part name
CD104NP-100M
※1: Measuring frequency: 10μH~82μH ;at 2.52 MHz
100
μH~560μH;at 1 kHz
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or
when
△t=40℃, whichever is lower(Ta=20℃).
B: Box
C: Carrier Tape


Similar Part No. - CD104NP-121KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD104NP-121KC SUMIDA-CD104NP-121KC Datasheet
70Kb / 6P
   CD104
More results

Similar Description - CD104NP-121KC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com