Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC953LC4B Datasheet(PDF) 6 Page - Analog Devices

Part # HMC953LC4B
Description  16G Fiber Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC953LC4B Datasheet(HTML) 6 Page - Analog Devices

  HMC953LC4B Datasheet HTML 1Page - Analog Devices HMC953LC4B Datasheet HTML 2Page - Analog Devices HMC953LC4B Datasheet HTML 3Page - Analog Devices HMC953LC4B Datasheet HTML 4Page - Analog Devices HMC953LC4B Datasheet HTML 5Page - Analog Devices HMC953LC4B Datasheet HTML 6Page - Analog Devices HMC953LC4B Datasheet HTML 7Page - Analog Devices HMC953LC4B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC953LC4B
v03.0914
14 Gbps, DUAL D-TYPE FLIP-FLOP WTH COMMON CLOCK
& PROGRAMMABLE OUTPUT VOLTAGE
Pin Number
Function
Description
Interface Schematic
1, 6, 8, 11, 13, 18
GND
Signal Grounds.
2, 3,
4, 5
D1P, D1N,
D2P, D2N
Differential Inputs: Current Mode Logic (CML)
referenced to positive supply.
7, 12, 22
N/C
No connection necessary. These pins may be connected to
RF/DC ground without affecting performance.
9, 10
CP, CN
Differential Clock Inputs: Current Mode Logic (CML)
referenced to positive supply.
14, 15,
16, 17
Q2N, Q2P,
Q1N, Q1P
Differential Outputs: Current Mode Logic (CML)
referenced to positive supply.
19, 24
GND
Supply Ground
20, 23
Package Base
Vee
These pins and the exposed paddle must be
connected to the negative voltage supply.
21
VR
Output level control. Output level may be increased
or decreased by applying a voltage to VR per “Output
Differential vs. VR” plot.
Pin Descriptions


Similar Part No. - HMC953LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC950 HITTITE-HMC950 Datasheet
572Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC950 HITTITE-HMC950_11 Datasheet
572Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Analog Devices
HMC951A AD-HMC951A Datasheet
645Kb / 31P
   5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
HMC951ALP4E AD-HMC951ALP4E Datasheet
645Kb / 31P
   5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
More results

Similar Description - HMC953LC4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR1333D3E9SK2-16G ETC2-KVR1333D3E9SK2-16G Datasheet
130Kb / 2P
   KVR1333D3E9SK2-16G
logo
Finisar Corporation.
FTLF8529P5XYV FINISAR-FTLF8529P5XYV Datasheet
679Kb / 12P
   16G Fibre Channel Short Wavelength SFP Transceiver
December 2020 Rev A0
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
Moxa Inc.
EDS-G516E MOXA-EDS-G516E Datasheet
789Kb / 6P
   16G-port full Gigabit managed Ethernet switches
logo
Allied Components Inter...
AT1619CI ALLIED-AT1619CI Datasheet
348Kb / 1P
   Fiber Channel Transformer
logo
Analog Devices
ADXL345 AD-ADXL345 Datasheet
311Kb / 24P
   Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
logo
Freescale Semiconductor...
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
logo
Bothhand USA, LP.
TS-WT75 BOTHHAND-TS-WT75 Datasheet
174Kb / 1P
   FIBER CHANNEL DUAL TRANSFORMER
PM-WT76 BOTHHAND-PM-WT76 Datasheet
35Kb / 1P
   Fiber Channel Dual Transformer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com