Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEIR8D38FNP-6R3NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEIR8D38FNP-6R3NC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR8D38FNP-6R3NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDEIR8D38FNP-6R3NC Datasheet HTML 1Page - Sumida Corporation CDEIR8D38FNP-6R3NC Datasheet HTML 2Page - Sumida Corporation CDEIR8D38FNP-6R3NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEIR8D38F
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 8.5×8.3×4.0 mm Max.
• Product weight:1.1 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in Notebook, PDA and other
devices.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
2.2
2.5
3.0
88.3(70.6)
22
±30%
220
CDEIR8D38FNP
-22ØNC
2.3
2.7
3.3
83.1(66.5)
18
±30%
180
CDEIR8D38FNP
-18ØNC
2.4
3.0
3.7
70.2(56.1)
15
±30%
150
CDEIR8D38FNP
-15ØNC
2.5
3.2
4.0
66.7(53.3)
12
±30%
120
CDEIR8D38FNP
-12ØNC
3.4
3.8
4.6
43.8(35.0)
10
±30%
100
CDEIR8D38FNP
-1ØØNC
3.8
4.1
4.9
34.0(27.2)
7.6
±30%
7R6
CDEIR8D38FNP
-7R6NC
4.1
4.4
5.3
30.7(24.5)
6.3
±30%
6R3
CDEIR8D38FNP
-6R3NC
4.6
5.1
6.2
25.9(20.7)
5.1
±30%
5R1
CDEIR8D38FNP
-5R1NC
4.8
5.8
7.0
23.2(18.5)
4.0
±30%
4R0
CDEIR8D38FNP
-4RØNC
(at105
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
(A)※3
SATURATION
CURRENT
(A)※2
D.CR.(mΩ)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE (uH)
[WITHIN]※1
STAMP
PART NO.


Similar Part No. - CDEIR8D38FNP-6R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR8D38F SUMIDA-CDEIR8D38F Datasheet
154Kb / 4P
   Ferrite core construction.
More results

Similar Description - CDEIR8D38FNP-6R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com