Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN751730DR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN751730DR
Description  TRIPLE LINE DRIVER/RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN751730DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN751730DR Datasheet HTML 3Page - Texas Instruments SN751730DR Datasheet HTML 4Page - Texas Instruments SN751730DR Datasheet HTML 5Page - Texas Instruments SN751730DR Datasheet HTML 6Page - Texas Instruments SN751730DR Datasheet HTML 7Page - Texas Instruments SN751730DR Datasheet HTML 8Page - Texas Instruments SN751730DR Datasheet HTML 9Page - Texas Instruments SN751730DR Datasheet HTML 10Page - Texas Instruments SN751730DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
3 V
0 V
Input
Output
VOH
VOL
Input
Output
1.3 V
1.3 V
3.05 V
1.4 V
0.15 V
1.4 V
VCC = 5 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
CL
(see Note B)
RL = 47.5 Ω
tw
tr
tf
tPHL
tPLH
Pulse
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: ZO ≈ 50 Ω, tw ≤ 500 ns, PRR ≤ 1 MHz, tf ≤ 6 ns, tr ≤ 15 ns.
B. CL includes probe and jig capacitance.
Input
Output
3 V
0 V
VOH
VOL
Input
Output
1.3 V
1.3 V
1.4 V
1.4 V
VOLTAGE WAVEFORMS
TEST CIRCUIT
CL = 15 pF
(see Note B)
1N3064X2
RL = 2 kΩ
VCC = 5 V
tw
tPHL
tPLH
Pulse
Generator
(see Note A)
NOTES: A.
The pulse generator has the following characteristics: ZO ≈ 50 Ω, tw ≤ 500 ns, PRR ≤ 1 MHz, tf ≤ 10 ns, tr ≤ 10 ns.
B.
CL includes probe and jig capacitance.
SN751730
TRIPLE LINE DRIVER/RECEIVER
SLLS062E – MAY 1990 – REVISED AUGUST 2007
Figure 1. Driver Test Circuit and Voltage Waveforms
Figure 2. Receiver Test Circuit and Voltage Waveforms
Copyright © 1990–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN751730


Similar Part No. - SN751730DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751730D TI-SN751730D Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results

Similar Description - SN751730DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com