Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN751730N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN751730N
Description  TRIPLE LINE DRIVER/RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN751730N Datasheet(HTML) 4 Page - Texas Instruments

  SN751730N Datasheet HTML 1Page - Texas Instruments SN751730N Datasheet HTML 2Page - Texas Instruments SN751730N Datasheet HTML 3Page - Texas Instruments SN751730N Datasheet HTML 4Page - Texas Instruments SN751730N Datasheet HTML 5Page - Texas Instruments SN751730N Datasheet HTML 6Page - Texas Instruments SN751730N Datasheet HTML 7Page - Texas Instruments SN751730N Datasheet HTML 8Page - Texas Instruments SN751730N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
SN751730
TRIPLE LINE DRIVER/RECEIVER
SLLS062E – MAY 1990 – REVISED AUGUST 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
Driver
–0.5
7
V
VI
Input voltage range
Receiver
–0.5
7
V
VO
Output voltage range
Driver
–0.5
7
V
Enable input voltage range
–0.5
7
V
D package
73
DW package
58
θJA
Package thermal impedance(3)
°C/W
N package
67
NS package
60
TJ
Operating virtual junction temperature
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C/W
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
Driver, Enable
2
VIH
High-level input voltage
V
Receiver
1.55
Driver, Enable
0.8
VIL
Low-level input voltage
V
Receiver
1.15
TA
Operating free-air temperature
0
70
°C
4
Submit Documentation Feedback
Copyright © 1990–2007, Texas Instruments Incorporated
Product Folder Link(s): SN751730


Similar Part No. - SN751730N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751730N TI-SN751730N Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results

Similar Description - SN751730N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com