Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75971BDGG Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75971BDGG
Description  SCSI DIFFERENTIAL CONVERTER-DATA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75971BDGG Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75971BDGG Datasheet HTML 5Page - Texas Instruments SN75971BDGG Datasheet HTML 6Page - Texas Instruments SN75971BDGG Datasheet HTML 7Page - Texas Instruments SN75971BDGG Datasheet HTML 8Page - Texas Instruments SN75971BDGG Datasheet HTML 9Page - Texas Instruments SN75971BDGG Datasheet HTML 10Page - Texas Instruments SN75971BDGG Datasheet HTML 11Page - Texas Instruments SN75971BDGG Datasheet HTML 12Page - Texas Instruments SN75971BDGG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN75971B
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS322A – NOVEMBER 1999 – REVISED JANUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50%
VOD(H)
~ – 0.925 V
VOD(L)
ten td
td tdis
3 V
1.5 V
0 V
Input
Output
0.5 V
t0
t0
or
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 45% < duty cycle < 50%, tr ≤ 1 ns,
tf ≤ 1 ns, ZO =50 Ω.
B. CL includes probe and jig capacitance.
C. Resistance values are in ohms with a tolerance of
± 5%.
D. All input voltage levels are held to within 0.01 V.
IO
IO
VOD
VO
VO
B+
B–
A
II
15 pF
15 pF
75
165
375
375
S1
S2
165
AB
VI
Input
(see Note A)
GND
5 V
Figure 3. A to B Propagation Delay Time Test Circuit
td1
td2
ten1
tdis1
SDB
DSENS
RESET
ADBn –
DRVBUS
BDBn –
BDBn +
VOD
Figure 4. A to B Timing Waveforms


Similar Part No. - SN75971BDGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75971BDGG TI-SN75971BDGG Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
More results

Similar Description - SN75971BDGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A_05 Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B TI1-SN75970B_16 Datasheet
324Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com