Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP145NP-6R1MC-170 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP145NP-6R1MC-170
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP145NP-6R1MC-170 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP145NP-6R1MC-170 Datasheet HTML 1Page - Sumida Corporation CDEP145NP-6R1MC-170 Datasheet HTML 2Page - Sumida Corporation CDEP145NP-6R1MC-170 Datasheet HTML 3Page - Sumida Corporation CDEP145NP-6R1MC-170 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 2014-June-19
SMD Power Inductor
CDEP145
Electrical Characteristics- standard type
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
9.5
8.8
10.4
10.8(9.0)
6.1μH±20%
6R1M
CDEP145NP-6R1MC-170
12.0
10.6
12.3
7.4(6.2)
4.2μH±20%
4R2M
CDEP145NP-4R2MC-170
15.0
13.0
15.2
4.6(3.8)
2.7μH±20%
2R7M
CDEP145NP-2R7MC-170
19.5
17.0
19.8
3.0(2.5)
1.5μH±20%
1R5M
CDEP145NP-1R5MC-170
23.0
25.6
30.0
1.7(1.4)
0.68μH±20%
0R6M
CDEP145NP-0R6MC-170
(at105℃)
(at 20℃)
TEMPERATURE
RISE CURRENT
( A ) ※3
SATURATION
CURRENT ( A ) ※2
D.C.R. (mΩ)
[MAX.] (Typ.)
(at 20℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
9.5
10.8
13.1
10.8(9.0)
5.0μH±20%
5R0M
CDEP145NP-5R0MC-140
12.0
13.0
15.4
7.4(6.2)
3.5μH±20%
3R5M
CDEP145NP-3R5MC-140
15.0
16.0
19.2
4.6(3.8)
2.2μH±20%
2R2M
CDEP145NP-2R2MC-140
19.5
20.8
25.0
3.0(2.5)
1.2μH±20%
1R2M
CDEP145NP-1R2MC-140
23.0
31.2
36.0
1.7(1.4)
0.56μH±20%
0R5M
CDEP145NP-0R5MC-140
(at105℃)
(at 20℃)
TEMPERATURE
RISE CURRENT
( A ) ※3
SATURATION
CURRENT ( A ) ※2
D.C.R. (mΩ)
[MAX.] (Typ.)
(at 20℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
Electrical Characteristics- high power type
Electrical Characteristics


Similar Part No. - CDEP145NP-6R1MC-170

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP145NP-6R1M SUMIDA-CDEP145NP-6R1M Datasheet
143Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDEP145NP-6R1MC-170

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com