Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH114NP-152KB Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH114NP-152KB
Description  PIN Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH114NP-152KB Datasheet(HTML) 2 Page - Sumida Corporation

  RCH114NP-152KB Datasheet HTML 1Page - Sumida Corporation RCH114NP-152KB Datasheet HTML 2Page - Sumida Corporation RCH114NP-152KB Datasheet HTML 3Page - Sumida Corporation RCH114NP-152KB Datasheet HTML 4Page - Sumida Corporation RCH114NP-152KB Datasheet HTML 5Page - Sumida Corporation RCH114NP-152KB Datasheet HTML 6Page - Sumida Corporation RCH114NP-152KB Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH114
Electrical Characteristics
※1: Inductance measuring condition :
6.3μH~8.8μH
at 7.96MHz
10μH~39mH
at 1.0kHz
※2 : Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when △t=40℃,
whichever is lower (Ta
=20℃)
0.10
0.09
51(41)
58(46)
33 mH
± 10 %
39 mH
± 10 %
333
393
RCH114NP-333KB
RCH114NP-393KB
0.13
0.12
0.11
27(22)
34(27)
39(31)
18 mH
± 10 %
22 mH
± 10 %
27 mH
± 10 %
183
223
273
RCH114NP-183KB
RCH114NP-223KB
RCH114NP-273KB
0.16
0.15
0.14
16(13)
21(17)
24(19)
10 mH
± 10 %
12 mH
± 10 %
15 mH
± 10 %
103
123
153
RCH114NP-103KB
RCH114NP-123KB
RCH114NP-153KB
0.21
0.19
0.17
8.2(6.6)
11.9(9.5)
14(11)
5.6 mH
± 10 %
6.8 mH
± 10 %
8.2 mH
± 10 %
562
682
822
RCH114NP-562KB
RCH114NP-682KB
RCH114NP-822KB
0.27
0.25
0.23
5.0(4.0)
5.6(4.5)
7.4(5.9)
3.3 mH
± 10 %
3.9 mH
± 10 %
4.7 mH
± 10 %
332
392
472
RCH114NP-332KB
RCH114NP-392KB
RCH114NP-472KB
0.36
0.32
0.29
2.9(2.3)
3.2(2.6)
3.7(3.0)
1.8 mH
± 10 %
2.2 mH
± 10 %
2.7 mH
± 10 %
182
222
272
RCH114NP-182KB
RCH114NP-222KB
RCH114NP-272KB
0.52
0.46
0.41
1.6(1.3)
2.2(1.8)
2.5(2.0)
1.0 mH
± 10 %
1.2 mH
± 10 %
1.5 mH
± 10 %
102
122
152
RCH114NP-102KB
RCH114NP-122KB
RCH114NP-152KB
0.75
0.69
0.62
0.79(0.61)
0.96(0.74)
1.22(0.94)
560
μH ± 10 %
680
μH ± 10 %
820
μH ± 10 %
561
681
821
RCH114NP-561KB
RCH114NP-681KB
RCH114NP-821KB
1.0
0.92
0.84
0.52(0.40)
0.57(0.44)
0.65(0.50)
330
μH ± 10 %
390
μH ± 10 %
470
μH ± 10 %
331
391
471
RCH114NP-331KB
RCH114NP-391KB
RCH114NP-471KB
1.3
1.2
1.1
0.26(0.20)
0.35(0.27)
0.39(0.30)
180
μH ± 10 %
220
μH ± 10 %
270
μH ± 10 %
181
221
271
RCH114NP-181KB
RCH114NP-221KB
RCH114NP-271KB
1.7
1.5
1.4
143m(110m)
195m(150m)
221m(170m)
100
μH ± 10 %
120
μH ± 10 %
150
μH ± 10 %
101
121
151
RCH114NP-101KB
RCH114NP-121KB
RCH114NP-151KB
2.3
2.1
1.9
104m(80m)
117m(90m)
130m(100m)
56
μH ± 10 %
68
μH ± 10 %
82
μH ± 10 %
560
680
820
RCH114NP-560KB
RCH114NP-680KB
RCH114NP-820KB
2.9
2.7
2.5
64m(49m)
74m(57m)
83m(64m)
33
μH ± 10 %
39
μH ± 10 %
47
μH ± 10 %
330
390
470
RCH114NP-330KB
RCH114NP-390KB
RCH114NP-470KB
3.5
3.3
3.1
47m(36m)
51m(39m)
57m(44m)
18
μH ± 10 %
22
μH ± 10 %
27
μH ± 10 %
180
220
270
RCH114NP-180KB
RCH114NP-220KB
RCH114NP-270KB
4.0
3.9
3.7
33m(25m)
35m(27m)
39m(30m)
10
μH ± 10 %
12
μH ± 10 %
15
μH ± 10 %
100
120
150
RCH114NP-100KB
RCH114NP-120KB
RCH114NP-150KB
4.3
4.2
4.1
26m(20)m
29m(22m)
30m(23m)
6.3
μH ± 20 %
7.5
μH ± 20 %
8.8
μH ± 20 %
6R3
7R5
8R8
RCH114NP-6R3MB
RCH114NP-7R5MB
RCH114NP-8R8MB
Rated Current
(A)※2
D.C.R.(
Ω)
Max. (Typ.)
at 20
Inductance (
μH )
(Within)]
※1
Stamp
Part Name


Similar Part No. - RCH114NP-152KB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH114NP-152KB SUMIDA-RCH114NP-152KB Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH114NP-152KB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com