Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1024-15J3I Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1024-15J3I
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024-15J3I Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1024-15J3I Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document # SRAM124 REV A
Revised October 2005
P4C1024
HIGH SPEED 128K x 8
DUAL CHIP ENABLE
CMOS STATIC RAM
The P4C1024 device provides asynchronous opera-
tions with matching access and cycle times. Memory
locations are specified on address pins A
0 to A16.
Reading is accomplished by device selection (CE
1 low
and CE
2 high) and output enabling (OE) while write
enable (WE) remains HIGH. By presenting the ad-
dress under these conditions, the data in the ad-
dressed memory location is presented on the data
input/output pins. The input/output pins stay in the
HIGH Z state when either CE
1 or OE is HIGH or WE
or CE
2 is LOW.
The P4C1024 is a 1,048,576-bit high-speed CMOS
static RAM organized as 128Kx8. The CMOS memory
requires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 5V±10% tolerance power
supply.
Access times of 15 nanoseconds permit greatly en-
hanced system operating speeds. CMOS is utilized to
reduce power consumption to a low level. The P4C1024
is a member of a family of PACE RAM™ products offer-
ing fast access times.
Advanced CMOS Technology
Fast t
OE
Automatic Power Down
Packages
—32-Pin 300 mil DIP and SOJ
—32-Pin 400 mil SOJ
—32-Pin 600 mil Ceramic DIP
—32-Pin 400 mil Ceramic DIP
—32-Pin Solder Seal Flatpack
—32-Pin LCC (450 x 500 mil)
—32-Pin Ceramic SOJ
High Speed (Equal Access and Cycle Times)
— 15/20/25/35 ns (Commercial)
— 20/25/35/45 ns (Industrial)
— 20/25/35/45/55/70/85/100/120 ns (Military)
Single 5 Volts ±10% Power Supply
Easy Memory Expansion Using CE
CE
CE
CE
CE
1, CE2 and OE
OE
OE
OE
OE
Inputs
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DESCRIPTION
FEATURES
DIP (P300, C10, C11),
SOJ (J300, J400, CJ1),
SOLDER SEAL
FLATPACK (FS-3) SIMILAR
LCC (L6)


Similar Part No. - P4C1024-15J3I

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWC PYRAMID-P4C1024L55CWC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWI PYRAMID-P4C1024L55CWI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PC PYRAMID-P4C1024L55PC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PI PYRAMID-P4C1024L55PI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P4C1024-15J3I

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com