Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75196DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75196DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75196DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75196DW Datasheet HTML 2Page - Texas Instruments SN75196DW Datasheet HTML 3Page - Texas Instruments SN75196DW Datasheet HTML 4Page - Texas Instruments SN75196DW Datasheet HTML 5Page - Texas Instruments SN75196DW Datasheet HTML 6Page - Texas Instruments SN75196DW Datasheet HTML 7Page - Texas Instruments SN75196DW Datasheet HTML 8Page - Texas Instruments SN75196DW Datasheet HTML 9Page - Texas Instruments SN75196DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Positive going input threshold voltage
See Figure 5
TA = 25°C
1.75
1.9
2.3
V
VIT+
Positive-going input threshold voltage
See Figure 5
TA = 0°C to 70 °C
1.55
2.3
V
VIT–
Negative-going input threshold voltage
See Figure 5
0.75
0.97
1.25
V
Vhys
Input hysteresis (VIT+ – VIT–)
See Figure 5
0.5
V
VOH
High level output voltage
IOH =0 5 mA
See Figure 5
VIH = 0.75 V
2.6
4
5
V
VOH
High-level output voltage
IOH = –0.5 mA,
See Figure 5
Inputs open
2.6
V
VOL
Low-level input voltage
IOL = 10 mA,
VI = 3 V,
See Figure 5
0.2
0.45
V
IIH
High level input current
VI = 25 V
3.6
8.3
mA
IIH
High-level input current
VI = 3 V
0.43
mA
IIL
Low level input current
VI = –25 V
–3.6
–8.3
mA
IIL
Low-level input current
VI = –3 V
–0.43
mA
IOS
Short-circuit output current
See Figure 4
–3.4
–12
mA
† All typical values are at TA = 25°C, VCC = 5 V, VDD = 9 V, and VSS = –9 V.
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = –12 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 50 pF,
RL = 5 kΩ,
See Figure 6
107
500
ns
tPHL
Propagation delay time, high- to low-level output
CL = 50 pF,
RL = 5 kΩ,
See Figure 6
42
150
ns
tTLH
Transition time, low- to high-level output
CL = 50 pF,
RL = 5 kΩ,
See Figure 6
175
525
ns
tTHL
Transition time, high- to low-level output
CL = 50 pF,
RL = 5 kΩ,
See Figure 6
16
60
ns


Similar Part No. - SN75196DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75196DW TI-SN75196DW Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75196DW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com