Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75150D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75150D
Description  DUAL LINE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75150D Datasheet(HTML) 4 Page - Texas Instruments

  SN75150D Datasheet HTML 1Page - Texas Instruments SN75150D Datasheet HTML 2Page - Texas Instruments SN75150D Datasheet HTML 3Page - Texas Instruments SN75150D Datasheet HTML 4Page - Texas Instruments SN75150D Datasheet HTML 5Page - Texas Instruments SN75150D Datasheet HTML 6Page - Texas Instruments SN75150D Datasheet HTML 7Page - Texas Instruments SN75150D Datasheet HTML 8Page - Texas Instruments SN75150D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN75150
DUAL LINE DRIVER
SLLS081C – JANUARY 1971 – REVISED JUNE 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC± = ±13.2 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VCC + = 10.8 V,
VIL = 0.8 V,
VCC – = – 10.8 V,
RL = 3 kΩ to 7 kΩ
5
8
V
VOL
Low-level output voltage (see Note 4)
VCC + = 10.8 V,
VIH = 2 V,
VCC – = – 10.8 V,
RL = 3 kΩ to 7 kΩ
–8
–5
V
IIH
High level input current
Data input
VI =2 4V
1
10
µA
IIH
High-level input current
Strobe input
VI = 2.4 V
2
20
µA
IIL
Low level input current
Data input
VI =0 4V
–1
– 1.6
mA
IIL
Low-level input current
Strobe input
VI = 0.4 V
–2
– 3.2
mA
VO = 25 V
2
8
IOS
Short circuit output current‡
VO = – 25 V
–3
–8
mA
IOS
Short-circuit output current‡
VO = 0,
VI = 3 V
10
15
30
mA
VO = 0,
VI = 0
–10
–15
–30
ICCH +
Supply current from VCC +, high-level output
VI = 0, RL = 3 kΩ,
10
22
mA
ICCH –
Supply current from VCC –, high-level output
I
,
L
,
TA = 25°C
–1
–10
mA
ICCL +
Supply current from VCC +, low-level output
VI = 3 V,
RL = 3 kΩ,
8
17
mA
ICCL –
Supply current from VCC –, low-level output
IL
TA = 25°C
–9
–20
mA
† All typical values are at VCC+ = 12 V, VCC– = –12 V, TA = 25°C.
‡ Not more than one output should be shorted at a time.
NOTE 4: The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for logic
levels only, e.g., when – 5 V is the maximum, the typical value is a more negative voltage.
switching characteristics, VCC+ = 12 V, VCC– = –12 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTLH
Transition time, low-to-high-level output
CL = 2500 pFRL =3kΩ to 7kΩ
0.2
1.4
2
µs
tTHL
Transition time, high-to-low-level output
CL = 2500 pF,
RL = 3 kΩ to 7 kΩ
0.2
1.5
2
µs
tTLH
Transition time, low-to-high-level output
CL =15 pFRL =7kΩ
40
ns
tTHL
Transition time, high-to-low-level output
CL = 15 pF,
RL = 7 kΩ
20
ns
tPLH
Propagation delay time, low-to-high-level output
CL =15 pFRL =7kΩ
60
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF,
RL = 7 kΩ
45
ns


Similar Part No. - SN75150D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150D TI-SN75150D Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75150D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
   Dual Line Driver
logo
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com