Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75128 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75128
Description  EIGHT-CHANNEL LINE RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75128 Datasheet(HTML) 5 Page - Texas Instruments

  SN75128 Datasheet HTML 1Page - Texas Instruments SN75128 Datasheet HTML 2Page - Texas Instruments SN75128 Datasheet HTML 3Page - Texas Instruments SN75128 Datasheet HTML 4Page - Texas Instruments SN75128 Datasheet HTML 5Page - Texas Instruments SN75128 Datasheet HTML 6Page - Texas Instruments SN75128 Datasheet HTML 7Page - Texas Instruments SN75128 Datasheet HTML 8Page - Texas Instruments SN75128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN75128, SN75129
EIGHT CHANNEL LINE RECEIVERS
SLLS076B − JANUARY 1977 − REVISED MAY 1995
2−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
TA = 25°C
No Load
0
VI − Input Voltage − V
5
2
0
1
1
2
3
4
VCC = 5 V
VOLTAGE TRANSFER CHARACTERISTICS
VOLTAGE TRANSFER CHARACTERISTICS
FROM A INPUTS
VI − Input Voltage − V
5
0
1
2
3
4
No Load
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
TA = 70°C
TA = 25°C
TA = 0°C
0.2
0.6
0.4
0.8
1.2
1.4
1.6
1.8
0
2
1
0.2
0.6
0.4
0.8
1.2 1.4
1.6
1.8
Figure 2
Figure 3
0
IO − Output Current − mA
0.6
20
0
5
10
15
0.1
0.2
0.3
0.4
0.5
VCC = 5 V
INPUT CURRENT
vs
INPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
0
VI − Input Voltage − V
5
0
1
2
3
4
VCC = 5 V
0.4
0.1
0.2
0.3
TA = 25°C
TA = 25°C
VI = 5 V
No Load
Figure 4
Figure 5


Similar Part No. - SN75128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
More results

Similar Description - SN75128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
SN75ALS125 TI1-SN75ALS125 Datasheet
82Kb / 5P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75ALS127 TI-SN75ALS127 Datasheet
162Kb / 4P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75127 TI1-SN75127 Datasheet
109Kb / 7P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
logo
Bel Fuse Inc.
940-SP-3088R-W-B25 BEL-940-SP-3088R-W-B25 Datasheet
181Kb / 1P
   Eight Conductor, Eight Position Line Cord Module
940-SP-3088R-A190 BEL-940-SP-3088R-A190 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088-B25 BEL-940-SP-3088-B25 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088 BEL-940-SP-3088 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR, EIGHT POSITION LINE CORD MODULE
940-SP-3088-OB BEL-940-SP-3088-OB Datasheet
184Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-031 BEL-940-SP-3088R-031 Datasheet
154Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com