Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75123N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75123N
Description  DUAL LINE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75123N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75123N Datasheet HTML 2Page - Texas Instruments SN75123N Datasheet HTML 3Page - Texas Instruments SN75123N Datasheet HTML 4Page - Texas Instruments SN75123N Datasheet HTML 5Page - Texas Instruments SN75123N Datasheet HTML 6Page - Texas Instruments SN75123N Datasheet HTML 7Page - Texas Instruments SN75123N Datasheet HTML 8Page - Texas Instruments SN75123N Datasheet HTML 9Page - Texas Instruments SN75123N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN75123D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN75123DR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN75123N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
SN75123N
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - SN75123N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123N TI-SN75123N Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75123N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
   Dual Line Driver
logo
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com