Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75118N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75118N
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75118N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75118N Datasheet HTML 5Page - Texas Instruments SN75118N Datasheet HTML 6Page - Texas Instruments SN75118N Datasheet HTML 7Page - Texas Instruments SN75118N Datasheet HTML 8Page - Texas Instruments SN75118N Datasheet HTML 9Page - Texas Instruments SN75118N Datasheet HTML 10Page - Texas Instruments SN75118N Datasheet HTML 11Page - Texas Instruments SN75118N Datasheet HTML 12Page - Texas Instruments SN75118N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
receiver section (continued)
PARAMETER
TEST CONDITIONS
’116, SN75118
SN75117, SN75119
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IIH
High-level input current
Enable
VCC = MAX,
VI = 2.4 V
SN75118, SN75119
40
40
µA
Strobe
VCC = MAX,
VID = 0.5 V,
’116 SN75117
24
24
II
Low-level input current
Strobe
VCC = MAX,
Vstrobe = 0.4 V,
VID = 0.5 V,
See Notes 4 and 7
’116, SN75117
− 2.4
− 2.4
mA
II
Low level input current
Enable
VCC = MAX,
VI = 0.4 V
SN75118, SN75119
− 1.6
− 1.6
mA
I
Response time control current (RTC)
VCC = MAX,
VID = 0.5 V,
T
25
°C
12
mA
I(RTC)
Response-time-control current (RTC)
VCC = MAX,
RC at 0 V,
VID = 0.5 V,
See Notes 4 and 7
TA = 25°C
− 1.2
mA
VCC = MAX,
TA = 25°C
1
10
IO(off)
Off-state open-collector output current
VCC = MAX,
VO = 12 V,
T
MAX
SN55116
200
µA
IO(off)
Off state open collector output current
VO 12 V,
VID = − 1 V
TA = MAX
SN75116, SN75118
20
µA
Off t t (hi h i
d
t t )
VCC = MAX,
TA = 25°C
SN75118, SN75119
±10
±10
IOZ
Off-state (high-impedance-state)
output current
VCC = MAX,
VO = 0 to VCC,
T
MAX
SN75118
±20
µA
IOZ
output current
VO 0 to VCC,
RE at 0.4 V
TA = MAX
SN75119
±20
µA
RT
Line-terminating resistance
VCC = 5 V
TA = 25°C
77
167
I
Sh t i
it
t
t
t§
VCC = MAX,
VO = 0,
T
25
°C
15
80
15
80
mA
IOS
Short-circuit output current§
VCC = MAX,
VID = − 0.5 V,
VO = 0,
See Notes 4 and 6
TA = 25°C
−15
−80
− 15
−80
mA
I
Short current (driver and
VCC = MAX,
VID = 0.5 V,
T
25
°C
42
60
42
60
mA
ICC
Short current (driver and
receiver combined)
VCC = MAX,
VID = 0.5 V,
See Notes 4 and 7
TA = 25°C
42
60
42
60
mA
Unless otherwise noted, Vstrobe = 2.4 V. All parameters, with the exception of off-state open-collector output current, are measured with the active pullup connected to the sink output.
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
§ Not more than one output should be shorted at a time.
NOTES:
4. This applies with the less positive receiver input grounded.
6.
For SN55116, VID = − 1 V
7.
For SN55116, VID = 1 V


Similar Part No. - SN75118N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75118N TI-SN75118N Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN75118N TI-SN75118N Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
More results

Similar Description - SN75118N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com