Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C3221PWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75C3221PWG4
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C3221PWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C3221PWG4 Datasheet HTML 3Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 4Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 5Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 6Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 7Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 8Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 9Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 10Page - Texas Instruments SN75C3221PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN65C3221, SN75C3221
3V TO 5.5V SINGLECHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS351E − APRIL 2002 − REVISED OCTOBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
−3 V
−3 V
3 V
3 V
0 V
3 V
Output
Input
VOL
VOH
tTLH
Generator
(see Note B)
RL
3 V
FORCEOFF
RS-232
Output
tTHL
CL
(see Note A)
SR(tr)
+
6V
t
THL or tTLH
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 1. Driver Slew Rate
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH
Generator
(see Note B)
RL
3 V
FORCEOFF
RS-232
Output
tPHL
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
50%
50%
1.5 V
1.5 V
Figure 2. Driver Pulse Skew
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
−3 V
3 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
CL
(see Note A)
3 V or 0 V
FORCEON
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
3 V
FORCEOFF
1.5 V
1.5 V
50%
50%
Figure 3. Receiver Propagation Delay Times


Similar Part No. - SN75C3221PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3221PW TI-SN75C3221PW Datasheet
285Kb / 14P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3221PW TI-SN75C3221PW Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3221PWE4 TI-SN75C3221PWE4 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3221PWR TI-SN75C3221PWR Datasheet
285Kb / 14P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3221PWR TI-SN75C3221PWR Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN75C3221PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221 TI-SN65C3221 Datasheet
285Kb / 14P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221_06 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3221 TI1-TRSF3221 Datasheet
505Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com