Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75123 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75123
Description  DUAL LINE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75123 Datasheet(HTML) 5 Page - Texas Instruments

  SN75123_14 Datasheet HTML 1Page - Texas Instruments SN75123_14 Datasheet HTML 2Page - Texas Instruments SN75123_14 Datasheet HTML 3Page - Texas Instruments SN75123_14 Datasheet HTML 4Page - Texas Instruments SN75123_14 Datasheet HTML 5Page - Texas Instruments SN75123_14 Datasheet HTML 6Page - Texas Instruments SN75123_14 Datasheet HTML 7Page - Texas Instruments SN75123_14 Datasheet HTML 8Page - Texas Instruments SN75123_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN75123
DUAL LINE DRIVER
SLLS086C – SEPTEMBER 1973 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VO – Output Voltage – V
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VCC = 5 V
All inputs at 2 V
TA = 25°C
–300
–250
–200
–150
–100
–50
0
0
1
23
45
Figure 2
APPLICATION INFORMATION
1/2 SN75123
95
95-
Ω Coaxial Cable
A
B
C
D
E
F
A
B
Y
1/3 SN75124
95
Strobe
Figure 3. Unbalanced Line Communication Using SN75123 and SN75124


Similar Part No. - SN75123_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123D TI-SN75123D Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
SN75123N TI-SN75123N Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75123_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
   Dual Line Driver
logo
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com