Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75110ADG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75110ADG4
Description  DUAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75110ADG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN75110ADG4 Datasheet HTML 1Page - Texas Instruments SN75110ADG4 Datasheet HTML 2Page - Texas Instruments SN75110ADG4 Datasheet HTML 3Page - Texas Instruments SN75110ADG4 Datasheet HTML 4Page - Texas Instruments SN75110ADG4 Datasheet HTML 5Page - Texas Instruments SN75110ADG4 Datasheet HTML 6Page - Texas Instruments SN75110ADG4 Datasheet HTML 7Page - Texas Instruments SN75110ADG4 Datasheet HTML 8Page - Texas Instruments SN75110ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106G − DECEMBER 1975 − REVISED NOVEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
These drivers feature independent channels with common voltage supply and ground terminals. The significant
difference between the three drivers is in the output-current specification. The driver circuits feature a constant
output current that is switched to either of two output terminals by the appropriate logic levels at the input
terminals. The output current can be switched off (inhibited) by low logic levels on the enable inputs. The output
current nominally is 12 mA for the ’110A devices and is 27 mA for the SN75112.
The enable/inhibit feature is provided so the circuits can be used in party-line or data-bus applications. A strobe
or inhibitor (enable D), common to both drivers, is included for increased driver-logic versatility. The output
current in the inhibited mode, IO(off), is specified so that minimum line loading is induced when the driver is used
in a party-line system with other drivers. The output impedance of the driver in the inhibited mode is very high.
The output impedance of a transistor is biased to cutoff.
The driver outputs have a common-mode voltage range of −3 V to 10 V, allowing common-mode voltage on the
line without affecting driver performance.
All inputs are diode clamped and are designed to satisfy TTL-system requirements. The inputs are tested at
2 V for high-logic-level input conditions and 0.8 V for low-logic-level input conditions. These tests ensure
400-mV noise margin when interfaced with TTL Series 54/74 devices.
The SN55110A is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN75110A and SN75112 are characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
LOGIC
INPUTS
ENABLE
INPUTS
OUTPUTS†
A
B
C
D
Y
Z
X
X
L
X
Off
Off
X
XX
LOff
Off
L
XH
HOn
Off
X
LH
HOn
Off
H
H
H
H
Off
On
H = high level, L = low level, X = irrelevant
† When using only one channel of the line drivers,
the other channel should be inhibited and/or have
its outputs grounded.


Similar Part No. - SN75110ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75110AD TI-SN75110AD Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results

Similar Description - SN75110ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55109A TI-SN55109A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com