Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74S225J Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74S225J
Description  16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74S225J Datasheet(HTML) 5 Page - Texas Instruments

  SN74S225J Datasheet HTML 1Page - Texas Instruments SN74S225J Datasheet HTML 2Page - Texas Instruments SN74S225J Datasheet HTML 3Page - Texas Instruments SN74S225J Datasheet HTML 4Page - Texas Instruments SN74S225J Datasheet HTML 5Page - Texas Instruments SN74S225J Datasheet HTML 6Page - Texas Instruments SN74S225J Datasheet HTML 7Page - Texas Instruments SN74S225J Datasheet HTML 8Page - Texas Instruments SN74S225J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74S225
16
× 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
WITH 3-STATE OUTPUTS
SDLS207B – SEPTEMBER 1976 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High level output current
Q outputs
–6.5
mA
IOH
High-level output current
All other outputs
–3.2
mA
IOL
Low level output current
Q outputs
16
mA
IOL
Low-level output current
All other outputs
8
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
V
VOH
Q outputs
VCC = 4.75 V,
IOL = –6.5 mA
2.4
2.9
V
VOH
All others
VCC = 4.75 V,
IOL = –3.2 mA
2.4
2.9
V
VOL
Q outputs
VCC = 4.75 V,
IOL = 16 mA
0.35
0.5
V
VOL
All others
VCC = 4.75 V,
IOL = 8 mA
0.35
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.4 V
50
µA
IOZL
VCC = 5.25 V,
VO = 0.5 V
–50
µA
II
VCC = 5.25 V,
VI = 5.5 V
1
mA
IIH
Data
VCC = 5 25 V
VI =2 7V
40
µA
IIH
All others
VCC = 5.25 V,
VI = 2.7 V
25
µA
IIL
Data
VCC = 5 25 V
VI =0 5V
–1
mA
IIL
All others
VCC = 5.25 V,
VI = 0.5 V
–0.25
mA
IOS‡
VCC = 5.25 V,
VO = 0
–30
–100
mA
ICC§
VCC = 5.25 V
80
120
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Duration of the short circuit should not exceed one second.
§ ICC is measured with all inputs grounded and the outputs open.
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figure 1)
MIN
NOM
MAX
UNIT
fclock
Clock frequency
10
MHz
CLKA or CLKB high
25
tw
Pulse duration
UNCK IN low
7
ns
CLR low
40
t
Set p time before CLKA
↑ or CLKB↑
Data (see Note 3)
–20
ns
tsu
Setup time before CLKA
↑ or CLKB↑
CLR inactive
25
ns
th
Hold time after CLKA
↑ or CLKB↑
70
ns
NOTE 3: Data must be set up within 20 ns after the load-clock positive transition.


Similar Part No. - SN74S225J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225N TI-SN74S225N Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
More results

Similar Description - SN74S225J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN54LS222A TI1-SN54LS222A Datasheet
252Kb / 12P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com