Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS859 Datasheet(PDF) 4 Page - Texas Instruments

Part # SS859
Description  3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS859 Datasheet(HTML) 4 Page - Texas Instruments

  SS859 Datasheet HTML 1Page - Texas Instruments SS859 Datasheet HTML 2Page - Texas Instruments SS859 Datasheet HTML 3Page - Texas Instruments SS859 Datasheet HTML 4Page - Texas Instruments SS859 Datasheet HTML 5Page - Texas Instruments SS859 Datasheet HTML 6Page - Texas Instruments SS859 Datasheet HTML 7Page - Texas Instruments SS859 Datasheet HTML 8Page - Texas Instruments SS859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74SSTV16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES297D − FEBRUARY 2000 − REVISED AUGUST 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VDDQ
2.7
V
VDDQ
Output supply voltage
2.3
2.7
V
VREF
Reference voltage (VREF = VDDQ/2)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF − 40 mV VREF VREF + 40 mV
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs
VREF + 310 mV
V
VIL
AC low-level input voltage
Data inputs
VRE F− 310 mV
V
VIH
DC high-level input voltage
Data inputs
VREF + 150 mV
V
VIL
DC low-level input voltage
Data inputs
VREF − 150 mV
V
VIH
High-level input voltage
RESET
1.7
V
VIL
Low-level input voltage
RESET
0.7
V
VICR
Common-mode input voltage range
CLK, CLK
0.97
1.53
V
VI(PP) Peak-to-peak input voltage
CLK, CLK
360
mV
IOH
High-level output current
−20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
_C
NOTE 5: The RESET input of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The differential
inputs must not be floating unless RESET is low. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs,
literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
VIK
II = −18 mA
2.3 V
−1.2
V
VOH
IOH = −100 µA
2.3 V to 2.7 V
VDDQ − 0.2
V
VOH
IOH = −16 mA
2.3 V
1.95
V
VOL
IOL = 100 µA
2.3 V to 2.7 V
0.2
V
VOL
IOL = 16 mA
2.3 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
ICC
Static standby
RESET = GND
IO = 0
2.7 V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
40
mA
Dynamic operating −
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
30
µA/
MHz
ICCD
Dynamic operating −
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at one-half clock
frequency, 50% duty cycle
IO = 0
2.5 V
10
µA/
clock
MHz/
D input
rOH
Output high
IOH = −20 mA
2.3 V to 2.7 V
7
20
rOL
Output low
IOL = 20 mA
2.3 V to 2.7 V
7
20
rO(∆)
rOH − rOL
IO = 20 mA, TA = 25°C, One output
2.5 V
6
Data inputs
VI = VREF ± 310 mV
2.5
3
3.5
Ci§
CLK, CLK
VICR = 1.25 V, VI(PP) = 360mV
2.5 V
2.5
3
3.5
pF
Ci
RESET
VI = VCC or GND
2.5 V
3
pF
† For this test condition, VDDQ always is equal to VCC.
‡ All typical values are at VCC = 2.5 V, TA = 25°C.
§ Measured with 50-MHz input frequency for the QFN package and 10-MHz input frequency for the TSSOP package


Similar Part No. - SS859

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS85 FRONTIER-SS85 Datasheet
125Kb / 2P
   8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS85 LUGUANG-SS85 Datasheet
315Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS85 FORMOSA-SS85 Datasheet
122Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS85 DGNJDZ-SS85 Datasheet
665Kb / 3P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS85 DGNJDZ-SS85 Datasheet
703Kb / 3P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS859

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTU32864C TI-SN74SSTU32864C Datasheet
304Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com