Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH2952DGVR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVTH2952DGVR
Description  3.3-V ABT OCTAL BUS RANSCEIVERS AND REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH2952DGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH2952DGVR Datasheet HTML 2Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 3Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 4Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 5Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 6Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 7Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 8Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 9Page - Texas Instruments SN74LVTH2952DGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN54LVTH2952, SN74LVTH2952
3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS710F − OCTOBER 1997 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirement over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH2952
SN74LVTH2952
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration
CLK high
3.3
3.3
3.3
3.3
ns
tw
Pulse duration
CLK low
3.3
3.3
3.3
3.3
ns
A or B before CLK
Data high
1.6
2.2
1.5
2.1
tsu
Setup time
A or B before CLK
Data low
1.6
2.2
1.5
2.1
ns
tsu
Setup time
CE before CLK
Data high
1.6
1.9
1.5
1.8
ns
CE before CLK
Data low
2
2.6
1.9
2.5
th
Hold time
A or B after CLK
1
0.2
1
0.2
ns
th
Hold time
CE after CLK
1.2
0.2
1.2
0.2
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH2952
SN74LVTH2952
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
CLKBA or
A or B
1.2
4.8
5.5
1.3
2.9
4.6
5.3
ns
tPHL
CLKBA or
CLKAB
A or B
1.2
4.8
5.5
1.3
3.1
4.6
5.3
ns
tPZH
OEBA or OEAB
A or B
1
4.8
5.9
1.1
2.6
4.6
5.8
ns
tPZL
OEBA or OEAB
A or B
1
4.8
5.9
1.1
3
4.6
5.8
ns
tPHZ
OEBA or OEAB
A or B
1.2
5.6
6
1.3
3.6
5.4
5.9
ns
tPLZ
OEBA or OEAB
A or B
1.5
5.4
5.6
1.6
3.6
5.1
5.3
ns
† All typical values are at TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH2952DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH2952DGV TI-SN74LVTH2952DGV Datasheet
124Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH2952DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI-SN54LVT2952 Datasheet
151Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT646 TI1-SN54LVT646_14 Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI1-SN54LVT2952_14 Datasheet
250Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH652 TI-SN54LVTH652 Datasheet
151Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH2952 TI-SN54LVTH2952 Datasheet
124Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT652 TI1-SN54LVT652 Datasheet
279Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com