Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS192NE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192NE4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS192NE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS192NE4 Datasheet HTML 2Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 3Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 4Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 5Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 6Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 7Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 8Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 9Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
Y OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI – Data Input Voltage – V
3.5
3
2.5
2
0
0.5
1
1.5
4
4.5
5
2
2.5
3
1.5
1
0.5
0
No Load
Outputs Enabled
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 4
Y OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI – Data Input Voltage – V
3.5
3
2.5
2
0
0.5
1
1.5
4
4.5
5
2
2.5
3
1.5
1
0.5
0
VCC = 5 V
Outputs Enabled
No Load
TA = 70°C
TA = 25°C
TA = 0°C
TA = –55°C
TA = 125°C
NOTE A: The A input is connected to VCC during the testing of the
Y outputs and to ground during the testing of the Z outputs.
Figure 5
Y OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VI – Enable G Input Voltage – V
VI = 2 V
RL = 470 Ω to GND
See Note A
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
2.5
2
1.5
0
0
0.5
1
1.5
2
3
3.5
4
2.5
3
1
0.5
NOTE A: The A input is connected to VCC during the testing of the
Y outputs and to ground during the testing of the Z outputs.
Figure 6
Y OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VI – Enable G Input Voltage – V
3.5
3
2.5
2
0
0.5
1
1.5
4
4.5
5
2
2.5
3
1.5
1
0.5
0
VCC = 5 V
VI = 2 V
RL = 470 Ω to GND
See Note A
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = –55°C
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SN75ALS192NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS192NE4 TI-SN75ALS192NE4 Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
More results

Similar Description - SN75ALS192NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com