Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8207 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM8207
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207 Datasheet(HTML) 3 Page - Texas Instruments

  LM8207 Datasheet HTML 1Page - Texas Instruments LM8207 Datasheet HTML 2Page - Texas Instruments LM8207 Datasheet HTML 3Page - Texas Instruments LM8207 Datasheet HTML 4Page - Texas Instruments LM8207 Datasheet HTML 5Page - Texas Instruments LM8207 Datasheet HTML 6Page - Texas Instruments LM8207 Datasheet HTML 7Page - Texas Instruments LM8207 Datasheet HTML 8Page - Texas Instruments LM8207 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
16V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, VDD = 16V, VSS = 0V, & CLOAD = 100 pF (Gamma & VCOM Buffers).
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Gamma Buffers
BW_Gamma
−3 dB Bandwidth
2
MHz
SR_Gamma
Slew Rate(4)
1
V/µs
TREC_Gamma
Output Recovery Time(5)
400
ns
VIN_Gamma
Input Voltage Range
Buffer 1-2
Positive
VDD
Negative
VSS +0.6
Buffer 3-8 & 11-16
Positive
VDD-0.6
Negative
VSS +0.6
Buffer 9
Positive
VDD −0.6
V
Negative
VSS
Buffer 10
Positive
VDD-0.6
Negative
VSS +0.6
Buffer 17-18
Positive
VDD −0.6
Negative
VSS
VOUT_Gamma
Output Voltage Range
Buffer 1-2,
Positive
VDD -0.25
VDD -0.1
No Load
Negative
VSS +1.5
VSS +1.6
Buffer 3-8 & 11-16
Positive
VDD −1.2
VDD -1.1
No Load
Negative
VSS +0.6
VSS +0.7
Buffer 9,
Positive
VDD −1.0
VDD -0.8
V
No Load
Negative
VSS +0.8
VSS +0.9
Buffer 10,
Positive
VDD –1.2
VDD –1.1
No Load
Negative
VSS +0.6
VSS +0.7
Buffer 17-18,
Positive
VDD –1.6
VDD –1.5
No Load
Negative
VSS +0.1
VSS +0.25
IBIAS_Gamma
Absolute, Input Bias Current
Within Gamma Buffer Output
30
nA
Voltage Range
VOS_Gamma
Input Offset Voltage
Buffer 1-2, VIN = 8V
5
10
Buffer 3-8, 11-16, VIN = 8V
1
5
Buffer 9, VIN = 8V
1
5
mV
Buffer 10, VIN = 8V
1
5
Buffer 17-18, VIN = 8V
5
10
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing condition result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical table under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by design or statistical analysis.
(3)
Typical values represent the parametric norm at the time of characterization.
(4)
Slew Rate is measured for VIN = 4 VPP. 10% -90% values are used. Slew rate is the average of the rising and falling slew rates
(5)
4 VPP pulse (50 ns rise time) applied to one side of 100 pF series output capacitance, other side connected to output of buffer. Output to
within 0.1% of input voltage.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM8207


Similar Part No. - LM8207

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207MT NSC-LM8207MT Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207MTX NSC-LM8207MTX Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results

Similar Description - LM8207

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
   Dual VCOM Amplifier & Gamma Reference Buffer
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
   Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
logo
Renesas Technology Corp
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
   Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com