Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73E2R020G Datasheet(PDF) 2 Page - CTS Corporation

Part # 73E2R020G
Description  Current Sensing Resistors ??Thick Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73E2R020G Datasheet(HTML) 2 Page - CTS Corporation

  73E2R020G Datasheet HTML 1Page - CTS Corporation 73E2R020G Datasheet HTML 2Page - CTS Corporation 73E2R020G Datasheet HTML 3Page - CTS Corporation 73E2R020G Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0337-0
Page 2 - 4
Rev. A
Series 73Lx & 73Ex
Current Sensing Resistor – Thick Film
ORDERING INFORMATION
STANDARD RESISTOR VALUES
Standard Resistance Values (Based on EIA E24 Sequence)
3-Digit Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
0.100Ω
R10
0.180Ω
R18
0.330Ω
R33
0.560Ω
R56
0.110Ω
R11
0.200Ω
R20
0.360Ω
R36
0.620Ω
R62
0.120Ω
R12
0.220Ω
R22
0.390Ω
R39
0.680Ω
R68
0.130Ω
R13
0.240Ω
R24
0.430Ω
R43
0.750Ω
R75
0.150Ω
R15
0.270Ω
R27
0.470Ω
R47
0.820Ω
R82
0.160Ω
R16
0.300Ω
R30
0.510Ω
R51
0.910Ω
R91
Standard Resistance Values (Based on EIA E24 Sequence)
4-Digit Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
0.050Ω
R050
0.056Ω
R056
0.068Ω
R068
0.082Ω
R082
0.051Ω
R051
0.062Ω
R062
0.075Ω
R075
0.091Ω
R091
73Ex
73Lx
ELECTRICAL CHARACTERISTICS
Package
Code
Rated
Wattage
Resistance E-24
T.C.R
Inch (mm)
(Watts)
(Ω)
(ppm/°C)
0.20 - 0.91
0.20 - 0.91
± 100
0.20 - 0.91
± 100
0.20 - 0.91
± 100
0.10 - 0.91
± 200
G = ±2
J = ±5
0.050 - 0.091
± 100
-55°C to +125°C
F = ±1
G = ±2
J = ±5
± 200
F = ±1
G = ±2
J = ±5
73L2
0603 (1608)
0.20 - 0.91
± 300
0.100
73E3
0805 (2012)
-55°C to +125°C
0.10 - 0.91
± 100
Type
0201 (0603)
73L0
F = ±1
0.063
73L4
1206 (3216)
0.250
J = ±5
-55°C to +125°C
-55°C to +125°C
0.27 - 0.91
± 300
0.050 - 0.091
-55°C to +125°C
± 200
0.10 - 0.91
-55°C to +125°C
Operating
Temperature Range
0.20 - 0.91
± 300
-55°C to +125°C
73L3
0805 (2012)
0.125
73L1
0402 (1005)
0.100
73L5
1210 (3225)
0.500
-55°C to +125°C
0.10 - 0.91
± 200
F = ±1
G = ±2
J = ±5
73L6
2010 (5025)
0.750
-55°C to +125°C
0.10 - 0.91
± 200
F = ±1
G = ±2
J = ±5
-55°C to +125°C
F = ±1
G = ±2
J = ±5
0.20 - 0.91
± 200
73L7
2512 (6432)
1.000
0.050 - 0.091
F = ±1
G = ±2
J = ±5
0.250
F = ±1
73E6
2010 (5025)
1.000
73E4
1206 (3216)
0.500
± 100
-55°C to +125°C
Tolerance
(%)
G = ±2
J = ±5
G = ±2
J = ±5
G = ±2
J = ±5


Similar Part No. - 73E2R020G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73E4 CTS-73E4 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
73E6 CTS-73E6 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
NIHON DEMPA KOGYO
73EE15AA NDK-73EE15AA Datasheet
461Kb / 1P
   4 Pole MCF
73EE15AA NDK-73EE15AA Datasheet
452Kb / 1P
   4 Pole SMD MCF
More results

Similar Description - 73E2R020G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
   CURRENT SENSING THICK FILM CHIP RESISTROS
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Vishay Siliconix
SA VISHAY-SA_15 Datasheet
82Kb / 3P
   Current Sensing Wirebondable Thin Film Chip Resistors
Revision: 13-Mar-15
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
   Thick Film Resistors
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com