Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6165 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM6165
Description  LM6165/LM6265/LM6365 High Speed Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6165 Datasheet(HTML) 2 Page - Texas Instruments

  LM6165 Datasheet HTML 1Page - Texas Instruments LM6165 Datasheet HTML 2Page - Texas Instruments LM6165 Datasheet HTML 3Page - Texas Instruments LM6165 Datasheet HTML 4Page - Texas Instruments LM6165 Datasheet HTML 5Page - Texas Instruments LM6165 Datasheet HTML 6Page - Texas Instruments LM6165 Datasheet HTML 7Page - Texas Instruments LM6165 Datasheet HTML 8Page - Texas Instruments LM6165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM6165/LM6265/LM6365
High Speed Operational Amplifier
General Description
The LM6165 family of high-speed amplifiers exhibits an ex-
cellent speed-power product in delivering 300 V/µs and
725 MHz GBW (stable for gains as low as +25) with only
5 mA of supply current. Further power savings and applica-
tion convenience are possible by taking advantage of the
wide dynamic range in operating supply voltage which ex-
tends all the way down to +5V.
These amplifiers are built with National’s VIP(Vertically In-
tegrated PNP) process which produces fast PNP transistors
that are true complements to the already fast NPN devices.
This advanced junction-isolated process delivers high speed
performance without the need for complex and expensive di-
electric isolation.
Features
n High slew rate:
300 V/µs
n High GBW product:
725 MHz
n Low supply current:
5 mA
n Fast settling:
80 ns to 0.1%
n Low differential gain:
<0.1%
n Low differential phase:
<0.1˚
n Wide supply range:
4.75V to 32V
n Stable with unlimited capacitive load
Applications
n Video amplifier
n Wide-bandwidth signal conditioning
n Radar
n Sonar
Connection Diagrams
VIPis a trademark of National Semiconductor Corporation.
10-Lead Flatpak
Top View
DS009152-14
Order Number LM6165W/883
See NS Package Number W10A
DS009152-8
Order Number LM6165J/883
See NS Package Number J08A
Order Number LM6365M
See NS Package Number M08A
Order Number LM6265N or LM6365N
See NS Package Number N08E
May 1999
© 1999 National Semiconductor Corporation
DS009152
www.national.com


Similar Part No. - LM6165

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6165J/883 NSC-LM6165J/883 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6165W/883 NSC-LM6165W/883 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6165W883 NSC-LM6165W883 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6165WG/883 NSC-LM6165WG/883 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
More results

Similar Description - LM6165

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com