Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73M2AR100F Datasheet(PDF) 3 Page - CTS Corporation

Part # 73M2AR100F
Description  Metal Plate Construction ??Copper Alloy
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73M2AR100F Datasheet(HTML) 3 Page - CTS Corporation

  73M2AR100F Datasheet HTML 1Page - CTS Corporation 73M2AR100F Datasheet HTML 2Page - CTS Corporation 73M2AR100F Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document No. 008-0542-0
Page 3 - 3
Rev. A
Series 73M1A, 73M2A, 73M3x & 73M5
Current Sense Resistor – up to 5W Power
PACKAGING INFORMATION
EMBOSSED TAPE
73M1A
8.00 ±0.15
4.00 ±0.10
3.50 ±0.10
1.83 ±0.10
3.48 ±0.10
0.90 ±0.10
0.20 ±0.05
73M2A
12.00 ±0.15
4.00 ±0.10
5.50 ±0.10
3.50 ±0.10
6.74 ±0.10
1.10 ±0.10
0.20 ±0.05
73M3A
12.00 ±0.15
8.00 ±0.10
5.50 ±0.10
1.50 ±0.05
6.75 ±0.10
7.15 ±0.10
1.70 ±0.10
0.25 ±0.05
73M3B
12.00 ±0.15
12.00 ±0.10
5.50 ±0.10
7.70 ±0.10
7.15 ±0.10
1.20 ±0.10
0.25 ±0.05
73M5
24.00 ±0.30
12.00 ±0.10
11.50 ±0.10
7.20 ±0.10
11.80 ±0.10
1.70 ±0.10
0.30 ±0.10
1.75 ±0.10
4.00 ±0.10
2.00 ±0.10
P0
P2
Do
1.55 ±0.05
1.55 ±0.05
Ao
Bo
Ko
t
Type
W
P1
E
F
REEL
[mm]
73M1A
4,000
2.0 ±0.5
13.2 ±0.5
21.7 ±0.5
73M2A
4,000
73M3A
1,000
73M3B
1,000
+2.0
-0.0
16.2 ±0.5
16.2 ±0.5
178 ±1.0
2.5 ±0.6
13.5 ±0.6
21.9 ±0.6
60.0 ±0.5
C
73M5
500
24.4
W
12.0 ±0.5
16.2 ±0.5
D
Quantity
Per Reel
Type
M
A
B
MARKING
Type
Rxxx = "R" is the decimal point and 3 digits [E24] are
significant values. See resistor tables for codes.
Rxxx = "R" is the decimal point and 3 digits [E24] are
significant values. See resistor tables for codes.
73M2A
73M3x
Rxxx = "R" is the decimal point and 3 digits [E24] are
significant values. See resistor tables for codes.
Rxxx = "R" is the decimal point and 3 digits [E24] are
significant values. See resistor tables for codes.
Nominal resistances that includes a decimal point;
marking is denoted by "m" expressing a decimal point
in milliohms and three digits. Ex. 1m50 [1.5m Ohms]
Nominal resistances that includes a decimal point;
marking is denoted by "m" expressing a decimal point
in milliohms and three digits. Ex. 0m25 [0.25m Ohms]
73M1A
Part Marking
73M5


Similar Part No. - 73M2AR100F

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M2 CTS-73M2 Datasheet
141Kb / 2P
   Metal Plate Current Sensing Resistors
logo
TDK Electronics
73M223 TDK-73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
73M223-CL TDK-73M223-CL Datasheet
45Kb / 6P
   1200 Baud FSK Modem
73M223-CP TDK-73M223-CP Datasheet
45Kb / 6P
   1200 Baud FSK Modem
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
More results

Similar Description - 73M2AR100F

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC20-22S-PKG100 JAE-DC20-22S-PKG100 Datasheet
118Kb / 1P
   COPPER ALLOY
logo
Amphenol Corporation
P-U77-AX11X-XX0X AMPHENOL-P-U77-AX11X-XX0X Datasheet
337Kb / 6P
   COPPER ALLOY
P-U77-AX61M-X071 AMPHENOL-P-U77-AX61M-X071 Datasheet
695Kb / 10P
   COPPER ALLOY
logo
Japan Aviation Electron...
RL01S-P16S-C36BE JAE-RL01S-P16S-C36BE Datasheet
130Kb / 1P
   CONTACT - COPPER ALLOY
RL01-P12S-C4E JAE-RL01-P12S-C4E Datasheet
169Kb / 1P
   CONTACT - COPPER ALLOY
FI-G30S-VF25 JAE-FI-G30S-VF25 Datasheet
132Kb / 1P
   CONTACT COPPER ALLOY
DP1R020JQ1 JAE-DP1R020JQ1 Datasheet
127Kb / 1P
   CONTACT COPPER ALLOY
FI-RE21HL JAE-FI-RE21HL Datasheet
130Kb / 1P
   SHELL COPPER ALLOY
FI-G30C2 JAE-FI-G30C2 Datasheet
116Kb / 1P
   CONTACT COPPER ALLOY
JN1-22-26S-PKG100 JAE-JN1-22-26S-PKG100 Datasheet
108Kb / 1P
   CONTACT COPPER ALLOY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com